Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PLMT01SPHTA/EM Datasheet(PDF) 14 Page - Texas Instruments

Part # PLMT01SPHTA/EM
Description  radiation hardened 2-pin precision digital output temperature sensor
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

PLMT01SPHTA/EM Datasheet(HTML) 14 Page - Texas Instruments

Back Button PLMT01SPHTA/EM Datasheet HTML 10Page - Texas Instruments PLMT01SPHTA/EM Datasheet HTML 11Page - Texas Instruments PLMT01SPHTA/EM Datasheet HTML 12Page - Texas Instruments PLMT01SPHTA/EM Datasheet HTML 13Page - Texas Instruments PLMT01SPHTA/EM Datasheet HTML 14Page - Texas Instruments PLMT01SPHTA/EM Datasheet HTML 15Page - Texas Instruments PLMT01SPHTA/EM Datasheet HTML 16Page - Texas Instruments PLMT01SPHTA/EM Datasheet HTML 17Page - Texas Instruments PLMT01SPHTA/EM Datasheet HTML 18Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 23 page
background image
CONV
DATA
OL
OH
SH
OL
CONV
OL
DATA
JA
CONV
DATA
CONV
DATA
t
t
PC
I
I
4096 PC
T
I
V
I
V
R
t
t
t
t
4096
2
4096
T
ª
º
§
·
ª
º
§
·
§
· §
·
u
u
u
u
u
u
u
«
»
¨
¸
¨
¸
«
»
¨
¸ ¨
¸
¨
¸
«
»
©
¹ ©
¹
©
¹
¬
¼
©
¹
¬
¼
14
LMT01-SP
SNIS205 – JANUARY 2019
www.ti.com
Product Folder Links: LMT01-SP
Submit Documentation Feedback
Copyright © 2019, Texas Instruments Incorporated
8 Application and Implementation
NOTE
Information in the following applications sections is not part of the TI component
specification, and TI does not warrant its accuracy or completeness. TI’s customers are
responsible for determining suitability of components for their purposes. Customers should
validate and test their design implementation to confirm system functionality.
8.1 Application Information
8.1.1 Mounting, Temperature Conductivity, and Self-Heating
The LMT01-SP can be applied easily in the same way as other integrated-circuit temperature sensors. It can be
glued or cemented to a surface to ensure good temperature conductivity. The temperatures of the lands and
traces to the leads of the LMT01-SP also affect the temperature reading, so they must be a thin as possible.
The LMT01-SP comes in a hermetically sealed ceramic package and as such the IC is not susceptible to
moisture or corrosion. Accompanying wiring and circuits should be kept insulated and dry to avoid excessive
leakage and corrosion. Printed-circuit coatings are often used to ensure that moisture cannot corrode the leads
or circuit traces.
The junction temperature of the LMT01-SP is the actual temperature being measured by the device. The thermal
resistance junction-to-ambient (RθJA) is the parameter (from Thermal Information) used to calculate the rise of a
device junction temperature (self-heating) due to its average power dissipation. The average power dissipation of
the LMT01-SP is dependent on the temperature it is transmitting as it effects the output pulse count and the
voltage across the device. Equation 4 is used to calculate the self-heating in the die temperature of the LMT01-
SP (TSH).
where
•
TSH is the ambient temperature
•
IOL and IOH are the output low and high current level, respectively
•
VCONV is the voltage across the LMT01-SP during conversion
•
VDATA is the voltage across the LMT01-SP during data transmission
•
tCONV is the conversion time
•
tDATA is the data transmission time
•
PC is the output pulse count
•
RθJA is the junction to ambient package thermal resistance
(4)
Plotted in the curve Figure 24 are the typical average supply current (black line using left y-axis) and the resulting
self-heating (red and violet lines using right y-axis) during continuous conversions. A temperature range of –50°C
to 150°C, a VCONV of 5 V (red line) and 2.15 V (violet line) were used for the self-heating calculation. As can be
seen in the curve, the average power supply current and thus the average self-heating changes linearly over
temperature because the number of pulses increases with temperature. A negligible self-heating of about 45 m°C
is observed at 150°C with continuous conversions. If temperature readings are not required as frequently as
every 100 ms, self-heating can be minimized by shutting down power to the part periodically thus lowering the
average power dissipation.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com