Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PLMT01SPHTA/EM Datasheet(PDF) 13 Page - Texas Instruments

Part # PLMT01SPHTA/EM
Description  radiation hardened 2-pin precision digital output temperature sensor
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

PLMT01SPHTA/EM Datasheet(HTML) 13 Page - Texas Instruments

Back Button PLMT01SPHTA/EM Datasheet HTML 9Page - Texas Instruments PLMT01SPHTA/EM Datasheet HTML 10Page - Texas Instruments PLMT01SPHTA/EM Datasheet HTML 11Page - Texas Instruments PLMT01SPHTA/EM Datasheet HTML 12Page - Texas Instruments PLMT01SPHTA/EM Datasheet HTML 13Page - Texas Instruments PLMT01SPHTA/EM Datasheet HTML 14Page - Texas Instruments PLMT01SPHTA/EM Datasheet HTML 15Page - Texas Instruments PLMT01SPHTA/EM Datasheet HTML 16Page - Texas Instruments PLMT01SPHTA/EM Datasheet HTML 17Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 23 page
background image
tr= R×C×2.197
F
S
HL
F
HL
V
V
t
R C In
V
V
§
·
u u
¨
¸
©
¹
34 and
125 µA
C
100pF
OUTPUT
POWER
R
10k
VS
VF
VHL
tHL
LMT01-SP
13
LMT01-SP
www.ti.com
SNIS205 – JANUARY 2019
Product Folder Links: LMT01-SP
Submit Documentation Feedback
Copyright © 2019, Texas Instruments Incorporated
Stray capacitance can be introduced when connecting the LMT01-SP through a long wire. This stray capacitance
influences the signal rise and fall times. The wire inductance has negligible effect on the AC signal integrity. A
simple RC time constant model as shown in Figure 23 can be used to determine the rise and fall times.
Figure 23. Simple RC Model for Rise and Fall Times
where
•
RC as shown in Figure 23
•
VHL is the target high level
•
the final voltage VF = 125 µA × R
•
the start voltage VS = 34 µA × R
(2)
For the 10% to 90% level rise time (tr), Equation 2 simplifies to:
(3)
Take care to ensure that the LMT01-SP voltage drop does not exceed 300 mV under reverse bias conditions, as
given in the Absolute Maximum Ratings.
7.4 Device Functional Modes
The only functional mode the LMT01-SP has is that it provides a pulse count output that is directly proportional to
temperature.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com