Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PLMT01SPHTA/EM Datasheet(PDF) 19 Page - Texas Instruments

Part # PLMT01SPHTA/EM
Description  radiation hardened 2-pin precision digital output temperature sensor
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

PLMT01SPHTA/EM Datasheet(HTML) 19 Page - Texas Instruments

Back Button PLMT01SPHTA/EM Datasheet HTML 15Page - Texas Instruments PLMT01SPHTA/EM Datasheet HTML 16Page - Texas Instruments PLMT01SPHTA/EM Datasheet HTML 17Page - Texas Instruments PLMT01SPHTA/EM Datasheet HTML 18Page - Texas Instruments PLMT01SPHTA/EM Datasheet HTML 19Page - Texas Instruments PLMT01SPHTA/EM Datasheet HTML 20Page - Texas Instruments PLMT01SPHTA/EM Datasheet HTML 21Page - Texas Instruments PLMT01SPHTA/EM Datasheet HTML 22Page - Texas Instruments PLMT01SPHTA/EM Datasheet HTML 23Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 19 / 23 page
background image
VP
VN
19
LMT01-SP
www.ti.com
SNIS205 – JANUARY 2019
Product Folder Links: LMT01-SP
Submit Documentation Feedback
Copyright © 2019, Texas Instruments Incorporated
9 Power Supply Recommendations
Because the LMT01-SP is only a 2-pin device the power pins are common with the signal pins, thus the LMT01-
SP has a floating supply that can vary greatly. The LMT01-SP has an internal regulator that provides a stable
voltage to internal circuitry.
Take care to prevent reverse biasing of the LMT01-SP as exceeding the absolute maximum ratings may cause
damage to the device.
Power supply ramp rate can effect the accuracy of the first result transmitted by the LMT01-SP. As shown in
Figure 32 with a 1-ms rise time, the LMT01-SP output code is at 1286, which converts to 30.125°C. The scope
photo shown in Figure 33 reflects what happens when the rise time is too slow. In Figure 33, the power supply
(yellow trace) is still ramping up to final value while the LMT01-SP (red trace) has already started a conversion.
This causes the output pulse count to decrease from the previously shown 1286, to 1282 (or 29.875°C). Thus,
for slow ramp rates, TI recommends that the first conversion be discarded. For even slower ramp rates, more
than one conversion may have to be discarded as TI recommends that either the power supply be within final
value before a conversion is used or that ramp rates be faster than 2.5 ms.
Yellow trace = 1 V/div, Red trace = 100 mV/div, Time Base = 20
ms/div
TA = 30°C
LMT01-SP Pulse Count = 1286
VP – VN = 3.3 V
Rise Time = 1 ms
Figure 32. Output Pulse Count With Appropriate Power
Supply Rise Time
Yellow trace = 1 V/div, Red trace = 100 mV/div, Time base = 20
ms/div
TA = 30°C
LMT01-SP Pulse Count = 1282
VP – VN = 3.3 V
Rise Time = 100 ms
Figure 33. Output Pulse Count With Slow Power Supply
Rise Time
10 Layout
10.1 Layout Guidelines
The LMT01-SP can be mounted as a through-hole component for ambient sensing or cemented to a surface
using a thermally conductive paste. The traces leading to the pads of the LMT01-SP should be kept as small as
possible to minimize their effect on the temperature the LMT01-SP is measuring. The metal lid of the device has
no internal connections to the die and is thus floating. If desired, a wire can be soldered from the lid to ground.
10.2 Layout Example
Figure 34. Layout Example (CTO-92/HTA Package)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com