Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PLMT01SPHTA/EM Datasheet(PDF) 18 Page - Texas Instruments

Part # PLMT01SPHTA/EM
Description  radiation hardened 2-pin precision digital output temperature sensor
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

PLMT01SPHTA/EM Datasheet(HTML) 18 Page - Texas Instruments

Back Button PLMT01SPHTA/EM Datasheet HTML 14Page - Texas Instruments PLMT01SPHTA/EM Datasheet HTML 15Page - Texas Instruments PLMT01SPHTA/EM Datasheet HTML 16Page - Texas Instruments PLMT01SPHTA/EM Datasheet HTML 17Page - Texas Instruments PLMT01SPHTA/EM Datasheet HTML 18Page - Texas Instruments PLMT01SPHTA/EM Datasheet HTML 19Page - Texas Instruments PLMT01SPHTA/EM Datasheet HTML 20Page - Texas Instruments PLMT01SPHTA/EM Datasheet HTML 21Page - Texas Instruments PLMT01SPHTA/EM Datasheet HTML 22Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 23 page
background image
MCU/
FPGA/
ASIC
34 and
125 µA
3.3V
7.5k
GPIO
100k
MMBT3906
VDD
LMT01-SP
VP
VN
MCU/FPGA/
ASIC
34 and
125 µA
VDD
3V to 5.5V
GPIO n
GPIO/
COMP
Min
2.0V
Up to 2.0m
GPIO1
GPIO2
6.81k
(for 3V)
LMT01-SP
U1
VP
VN
LMT01-SP
U2
VP
VN
LMT01-SP
Un
VP
VN
MCU/
FPGA/
ASIC
34 and
125 µA
3.3V
7.5k
GPIO
100k
MMBT3904
VDD
LMT01-SP
VP
VN
18
LMT01-SP
SNIS205 – JANUARY 2019
www.ti.com
Product Folder Links: LMT01-SP
Submit Documentation Feedback
Copyright © 2019, Texas Instruments Incorporated
System Examples (continued)
Figure 29. Transistor Level Shifting
Note: to turn off an LMT01-SP set the GPIO pin connected to VP to high impedance state as setting it low would
cause the off LMT01-SP to be reverse biased. Comparator input of MCU must be used.
Figure 30. Connecting Multiple Devices to One MCU Input Pin
Note: the VN of the LMT01-SP must be connected to the MCU GND.
Figure 31. Common Ground With High-Side Signal



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com