Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PLMT01SPHTA/EM Datasheet(PDF) 3 Page - Texas Instruments

Part # PLMT01SPHTA/EM
Description  radiation hardened 2-pin precision digital output temperature sensor
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

PLMT01SPHTA/EM Datasheet(HTML) 3 Page - Texas Instruments

  PLMT01SPHTA/EM Datasheet HTML 1Page - Texas Instruments PLMT01SPHTA/EM Datasheet HTML 2Page - Texas Instruments PLMT01SPHTA/EM Datasheet HTML 3Page - Texas Instruments PLMT01SPHTA/EM Datasheet HTML 4Page - Texas Instruments PLMT01SPHTA/EM Datasheet HTML 5Page - Texas Instruments PLMT01SPHTA/EM Datasheet HTML 6Page - Texas Instruments PLMT01SPHTA/EM Datasheet HTML 7Page - Texas Instruments PLMT01SPHTA/EM Datasheet HTML 8Page - Texas Instruments PLMT01SPHTA/EM Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 23 page
background image
Pin 1
VP
VN
3
LMT01-SP
www.ti.com
SNIS205 – JANUARY 2019
Product Folder Links: LMT01-SP
Submit Documentation Feedback
Copyright © 2019, Texas Instruments Incorporated
5 Pin Configuration and Functions
HTA Package
2-Pin CTO-92
Top View
Pin Functions
PIN
TYPE
DESCRIPTION
NAME
NO.
VP
1
Input
Positive voltage pin; may be connected to system power supply or bias resistor.
VN
2
Output
Negative voltage pin; may be connected to system ground or a bias resistor.
LID
—
Floating
The HTA package used for the LMT01-SP does not have an internal connection to the metal lid. If
necessary, this lid can be connected to ground with no impact to device operation.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com