Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

H8SX/1663 Datasheet(PDF) 267 Page - Renesas Technology Corp

Part # H8SX/1663
Description  Renesas 32-Bit CISC Microcomputer H8SX Family / H8SX/1600 Series
PDF  1158 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8SX/1663 Datasheet(HTML) 267 Page - Renesas Technology Corp

Back Button H8SX/1663 Datasheet HTML 263Page - Renesas Technology Corp H8SX/1663 Datasheet HTML 264Page - Renesas Technology Corp H8SX/1663 Datasheet HTML 265Page - Renesas Technology Corp H8SX/1663 Datasheet HTML 266Page - Renesas Technology Corp H8SX/1663 Datasheet HTML 267Page - Renesas Technology Corp H8SX/1663 Datasheet HTML 268Page - Renesas Technology Corp H8SX/1663 Datasheet HTML 269Page - Renesas Technology Corp H8SX/1663 Datasheet HTML 270Page - Renesas Technology Corp H8SX/1663 Datasheet HTML 271Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 267 / 1158 page
background image
Section 6 Bus Controller (BSC)
Rev.1.00 Jun. 07, 2006 Page 215 of 1102
REJ09B0294-0100
6.8.4
Basic Timing
The number of access cycles in the initial cycle (full access) on the burst ROM interface is
determined by the basic bus interface settings in ABWCR, ASTCR, WTCRA, WTCRB, and bits
CSXHn in CSACR (n = 0 to 7). When area 0 or area 1 designated as burst ROM space is read by
the CPU, the settings in RDNCR and bits CSXTn in CSACR (n = 0 to 7) are ignored.
From one to eight cycles can be selected for the burst cycle, according to the settings of bits
BSTS02 to BSTS00 and BSTS12 to BSTS10 in BROMCR. Wait cycles cannot be inserted. In
addition, 4-word, 8-word, 16-word, or 32-word consecutive burst access can be performed
according to the settings of BSTS01, BSTS00, BSTS11, and BSTS10 bits in BROMCR.
The basic access timing for burst ROM space is shown in figures 6.29 and 6.30.
T
1
T
2
T
1
T
2
T
1
T
2
T
3
B
φ
Upper
address bus
Note: n = 1, 0
Lower
address bus
Data bus
Full access
Burst access
CSn
AS
RD
BS
RD/
WR
Figure 6.29 Example of Burst ROM Access Timing (ASTn = 1, Two Burst Cycles)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com