Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

H8SX/1663 Datasheet(PDF) 265 Page - Renesas Technology Corp

Part # H8SX/1663
Description  Renesas 32-Bit CISC Microcomputer H8SX Family / H8SX/1600 Series
PDF  1158 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8SX/1663 Datasheet(HTML) 265 Page - Renesas Technology Corp

Back Button H8SX/1663 Datasheet HTML 261Page - Renesas Technology Corp H8SX/1663 Datasheet HTML 262Page - Renesas Technology Corp H8SX/1663 Datasheet HTML 263Page - Renesas Technology Corp H8SX/1663 Datasheet HTML 264Page - Renesas Technology Corp H8SX/1663 Datasheet HTML 265Page - Renesas Technology Corp H8SX/1663 Datasheet HTML 266Page - Renesas Technology Corp H8SX/1663 Datasheet HTML 267Page - Renesas Technology Corp H8SX/1663 Datasheet HTML 268Page - Renesas Technology Corp H8SX/1663 Datasheet HTML 269Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 265 / 1158 page
background image
Section 6 Bus Controller (BSC)
Rev.1.00 Jun. 07, 2006 Page 213 of 1102
REJ09B0294-0100
6.8
Burst ROM Interface
In this LSI, external address space areas 0 and 1 can be designated as burst ROM space, and burst
ROM interfacing performed. The burst ROM interface enables ROM with page access capability
to be accessed at high speed.
Areas 1 and 0 can be designated as burst ROM space by means of bits BSRM1 and BSRM0 in
BROMCR. Consecutive burst accesses of up to 32 words can be performed, according to the
setting of bits BSWDn1 and BSWDn0 (n = 0, 1) in BROMCR. From one to eight cycles can be
selected for burst access.
Settings can be made independently for area 0 and area 1.
In the burst ROM interface, the burst access covers only CPU read accesses. Other accesses are
performed with the similar method to the basic bus interface.
6.8.1
Burst ROM Space Setting
Burst ROM interface can be specified for areas 0 and 1. Areas 0 and 1 can be specified as burst
ROM space by setting bits BSRMn (n = 0, 1) in BROMCR.
6.8.2
Data Bus
The bus width of the burst ROM space can be specified as 8-bit or 16-bit burst ROM interface
space according to the ABWHn and ABWLn bits (n = 0, 1) in ABWCR.
For the 8-bit bus width, data bus (D7 to D0) is valid. For the 16-bit bus width, data bus (D15 to
D0) is valid.
Access size and data alignment are the same as the basic bus interface. For details, see section
6.5.6, Endian and Data Alignment.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com