Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

H8SX/1663 Datasheet(PDF) 147 Page - Renesas Technology Corp

Part # H8SX/1663
Description  Renesas 32-Bit CISC Microcomputer H8SX Family / H8SX/1600 Series
PDF  1158 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8SX/1663 Datasheet(HTML) 147 Page - Renesas Technology Corp

Back Button H8SX/1663 Datasheet HTML 143Page - Renesas Technology Corp H8SX/1663 Datasheet HTML 144Page - Renesas Technology Corp H8SX/1663 Datasheet HTML 145Page - Renesas Technology Corp H8SX/1663 Datasheet HTML 146Page - Renesas Technology Corp H8SX/1663 Datasheet HTML 147Page - Renesas Technology Corp H8SX/1663 Datasheet HTML 148Page - Renesas Technology Corp H8SX/1663 Datasheet HTML 149Page - Renesas Technology Corp H8SX/1663 Datasheet HTML 150Page - Renesas Technology Corp H8SX/1663 Datasheet HTML 151Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 147 / 1158 page
background image
Section 5 Interrupt Controller
Rev.1.00 Jun. 07, 2006 Page 95 of 1102
REJ09B0294-0100
5.2
Input/Output Pins
Table 5.1 shows the pin configuration of the interrupt controller.
Table 5.1
Pin Configuration
Name
I/O
Function
NMI
Input
Nonmaskable External Interrupt
Rising or falling edge can be selected.
IRQ11 to IRQ0
Input
Maskable External Interrupts
Rising, falling, or both edges, or level sensing, can be
independently selected.
5.3
Register Descriptions
The interrupt controller has the following registers.
• Interrupt control register (INTCR)
• CPU priority control register (CPUPCR)
• Interrupt priority registers A to C, E to I, K, L, Q, and R
(IPRA to IPRC, IPRE to IPRI, IPRK, IPRL, IPRQ, and IPRR)
• IRQ enable register (IER)
• IRQ sense control registers H and L (ISCRH, ISCRL)
• IRQ status register (ISR)
• Software standby release IRQ enable register (SSIER)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com