Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

H8SX/1663 Datasheet(PDF) 145 Page - Renesas Technology Corp

Part # H8SX/1663
Description  Renesas 32-Bit CISC Microcomputer H8SX Family / H8SX/1600 Series
PDF  1158 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8SX/1663 Datasheet(HTML) 145 Page - Renesas Technology Corp

Back Button H8SX/1663 Datasheet HTML 141Page - Renesas Technology Corp H8SX/1663 Datasheet HTML 142Page - Renesas Technology Corp H8SX/1663 Datasheet HTML 143Page - Renesas Technology Corp H8SX/1663 Datasheet HTML 144Page - Renesas Technology Corp H8SX/1663 Datasheet HTML 145Page - Renesas Technology Corp H8SX/1663 Datasheet HTML 146Page - Renesas Technology Corp H8SX/1663 Datasheet HTML 147Page - Renesas Technology Corp H8SX/1663 Datasheet HTML 148Page - Renesas Technology Corp H8SX/1663 Datasheet HTML 149Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 145 / 1158 page
background image
Section 5 Interrupt Controller
Rev.1.00 Jun. 07, 2006 Page 93 of 1102
REJ09B0294-0100
Section 5 Interrupt Controller
5.1
Features
• Two interrupt control modes
Any of two interrupt control modes can be set by means of bits INTM1 and INTM0 in the
interrupt control register (INTCR).
• Priority can be assigned by the interrupt priority register (IPR)
IPR provides for setting interrupt priory. Eight levels can be set for each module for all
interrupts except for the interrupt requests listed below. The following seven interrupt requests
are given priority of 8, therefore they are accepted at all times.
 NMI
 Illegal instructions
 Trace
 Trap instructions
 CPU address error
 DMA address error (occurred in the DTC and DMAC)
 Sleep instruction
• Independent vector addresses
All interrupt sources are assigned independent vector addresses, making it unnecessary for the
source to be identified in the interrupt handling routine.
• Thirteen external interrupts
NMI is the highest-priority interrupt, and is accepted at all times. Rising edge or falling edge
detection can be selected for NMI. Falling edge, rising edge, or both edge detection, or level
sensing, can be selected for
IRQ11 to IRQ0.
• DTC and DMAC control
DTC and DMAC can be activated by means of interrupts.
• CPU priority control function
The priority levels can be assigned to the CPU, DTC, and DMAC. The priority level of the
CPU can be automatically assigned on an exception generation. Priority can be given to the
CPU interrupt exception handling over that of the DTC and DMAC transfer.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com