Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

H8SX/1663 Datasheet(PDF) 119 Page - Renesas Technology Corp

Part # H8SX/1663
Description  Renesas 32-Bit CISC Microcomputer H8SX Family / H8SX/1600 Series
PDF  1158 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8SX/1663 Datasheet(HTML) 119 Page - Renesas Technology Corp

Back Button H8SX/1663 Datasheet HTML 115Page - Renesas Technology Corp H8SX/1663 Datasheet HTML 116Page - Renesas Technology Corp H8SX/1663 Datasheet HTML 117Page - Renesas Technology Corp H8SX/1663 Datasheet HTML 118Page - Renesas Technology Corp H8SX/1663 Datasheet HTML 119Page - Renesas Technology Corp H8SX/1663 Datasheet HTML 120Page - Renesas Technology Corp H8SX/1663 Datasheet HTML 121Page - Renesas Technology Corp H8SX/1663 Datasheet HTML 122Page - Renesas Technology Corp H8SX/1663 Datasheet HTML 123Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 119 / 1158 page
background image
Section 3 MCU Operating Modes
Rev.1.00 Jun. 07, 2006 Page 67 of 1102
REJ09B0294-0100
Bit
Bit Name
Initial Value R/W
Descriptions
15
MDS7
Undefined*
R
Indicates the value set by mode pin (MD3).
When MDCR is read, the input level on the MD3 pin is
latched. This latching is released by a reset.
14
13
12
1
0
1
R
R
R
Reserved
These are read-only bits and cannot be modified.
11
10
9
8
MDS3
MDS2
MDS1
MDS0
Undefined*
Undefined*
Undefined*
Undefined*
R
R
R
R
Mode Select 3 to 0
These bits indicate the operating mode selected by
the mode pins (MD2 to MD0) (see table 3.2).
When MDCR is read, the signal levels input on pins
MD2 to MD0 are latched into these bits. These
latches are released by a reset.
7
6
5
4
3
2
1
0
Undefined*
1
0
1
Undefined*
Undefined*
Undefined*
Undefined*
R
R
R
R
R
R
R
R
Reserved
These are read-only bits and cannot be modified.
Note:
*
Determined by pins MD3 to MD0.
Table 3.3
Settings of Bits MDS3 to MDS0
Mode Pins
MDCR
MCU Operating
Mode
MD2
MD1
MD0
MDS3
MDS2
MDS1
MDS0
2
0
1
0
1
1
0
0
4
1
0
0
0
0
1
0
5
1
0
1
0
0
0
1
6
1
1
0
0
1
0
1
7
1
1
1
0
1
0
0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com