| Electronic Components Datasheet Search |
|
H8SX/1663 Datasheet(PDF) 116 Page - Renesas Technology Corp |
|
|
|||||||||||||||||||||||||||||
H8SX/1663 Datasheet(HTML) 116 Page - Renesas Technology Corp |
|
116 / 1158 page ![]() Section 2 CPU Rev.1.00 Jun. 07, 2006 Page 64 of 1102 REJ09B0294-0100 2.9 Processing States The H8SX CPU has five main processing states: the reset state, exception-handling state, program execution state, bus-released state, and program stop state. Figure 2.16 indicates the state transitions. • Reset state In this state the CPU and internal peripheral modules are all initialized and stopped. When the RES input goes low, all current processing stops and the CPU enters the reset state. All interrupts are masked in the reset state. Reset exception handling starts when the RES signal changes from low to high. For details, see section 4, Exception Handling. The reset state can also be entered by a watchdog timer overflow when available. • Exception-handling state The exception-handling state is a transient state that occurs when the CPU alters the normal processing flow due to activation of an exception source, such as, a reset, trace, interrupt, or trap instruction. The CPU fetches a start address (vector) from the exception handling vector table and branches to that address. For further details, see section 4, Exception Handling. • Program execution state In this state the CPU executes program instructions in sequence. • Bus-released state The bus-released state occurs when the bus has been released in response to a bus request from a bus master other than the CPU. While the bus is released, the CPU halts operations. • Program stop state This is a power-down state in which the CPU stops operating. The program stop state occurs when a SLEEP instruction is executed or the CPU enters hardware standby mode. For details, see section 23, Power-Down Modes. Note: * A transition to the reset state occurs whenever the RES signal goes low. A transition can also be made to the reset state when the watchdog timer overflows. Reset state* Exception-handling state Request for exception handling End of exception handling Program execution state Bus-released state Bus request End of bus request Program stop state SLEEP instruction Interrupt request Bus request End of bus request RES = high RES = low Figure 2.16 State Transitions |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Datasheet Upload | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |