| Electronic Components Datasheet Search |
|
H8SX/1663 Datasheet(PDF) 1045 Page - Renesas Technology Corp |
|
|
|||||||||||||||||||||||||||||
H8SX/1663 Datasheet(HTML) 1045 Page - Renesas Technology Corp |
|
1045 / 1158 page ![]() Section 23 Power-Down Modes Rev.1.00 Jun. 07, 2006 Page 993 of 1102 REJ09B0294-0100 23.11 Usage Notes 23.11.1 I/O Port Status In software standby mode, the I/O port states are retained. Therefore, there is no reduction in current consumption for the output current when a high-level signal is output. 23.11.2 Current Consumption during Oscillation Settling Standby Period Current consumption increases during the oscillation settling standby period. 23.11.3 Module Stop Mode of DMAC or DTC Depending on the operating state of the DMAC and DTC, bits MSTPA13 and MSTPA12 may not be set to 1, respectively. The module stop state setting for the DMAC or DTC should be performed only when the DMAC or DTC is not activated. For details, refer to section 7, DMA Controller (DMAC), and section 8, Data Transfer Controller (DTC). 23.11.4 On-Chip Peripheral Module Interrupts Relevant interrupt operations cannot be performed in the module stop state. Consequently, if the module stop state is entered when an interrupt has been requested, it will not be possible to clear the CPU interrupt source or the DMAC or DTC activation source. Interrupts should therefore be disabled before entering the module stop state. 23.11.5 Writing to MSTPCRA, MSTPCRB, and MSTPCRC MSTPCRA, MSTPCRB, and MSTPCRC should only be written to by the CPU. |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Datasheet Upload | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |