Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

H8SX/1663 Datasheet(PDF) 1044 Page - Renesas Technology Corp

Part # H8SX/1663
Description  Renesas 32-Bit CISC Microcomputer H8SX Family / H8SX/1600 Series
PDF  1158 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8SX/1663 Datasheet(HTML) 1044 Page - Renesas Technology Corp

Back Button H8SX/1663 Datasheet HTML 1040Page - Renesas Technology Corp H8SX/1663 Datasheet HTML 1041Page - Renesas Technology Corp H8SX/1663 Datasheet HTML 1042Page - Renesas Technology Corp H8SX/1663 Datasheet HTML 1043Page - Renesas Technology Corp H8SX/1663 Datasheet HTML 1044Page - Renesas Technology Corp H8SX/1663 Datasheet HTML 1045Page - Renesas Technology Corp H8SX/1663 Datasheet HTML 1046Page - Renesas Technology Corp H8SX/1663 Datasheet HTML 1047Page - Renesas Technology Corp H8SX/1663 Datasheet HTML 1048Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 1044 / 1158 page
background image
Section 23 Power-Down Modes
Rev.1.00 Jun. 07, 2006 Page 992 of 1102
REJ09B0294-0100
23.10
φ Clock Output Control
Output of the
φ clock (Bφ/SDφ) can be controlled by bits PSTOP1, and PSTOP0 in SCKCR, and
DDR for the corresponding port. Bits PSTOP1 control the B
φ clock output on the PA7 pin. Bit
PSTOP0 controls the SD
φ clock output on the PB7 pin. When bit PSTOP1 is set to 1, the Bφ clock
output stops at the end of the bus cycle and goes high. In the same way, bit PSTOP0 drives the
SD
φ clock output on the PB7 pin high. When DDR for the PA7 pin is cleared to 0, the Bφ clock
output is disabled and the pin becomes an input port. When the SDRAM interface is disabled, the
PB7 pin can be used as I/O port. Tables 23.3 and 23.4 show the states of the
φ pin in each
processing state.
Table 23.3
φ Pin (PA7) State in Each Processing State
Register Setting Value
Software Standby
Mode
DDR
PSTOP1
Normal
Operating
State
Sleep
Mode
All-
Module-
Clock-
Stop Mode OPE = 0
OPE = 1
Hardware
Standby
Mode
0
X
Hi-Z
Hi-Z
Hi-Z
Hi-Z
Hi-Z
Hi-Z
1
0
B
φ output
B
φ output
B
φ output
High
High
Hi-Z
1
1
High
High
High
High
High
Hi-Z
Table 23.4
φ Pin (PB7) State in Each Processing State (SDRAM Interface Enabled)
Register Setting Value
Software Standby
Mode
PSTOP0
Normal
Operating
State
Sleep
Mode
All-
Module-
Clock-
Stop Mode OPE = 0
OPE = 1
Hardware
Standby
Mode
0
SD
φ output SDφ output SDφ output High
High
Hi-Z
1
High
High
High
High
High
Hi-Z



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com