Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

H8SX/1663 Datasheet(PDF) 981 Page - Renesas Technology Corp

Part # H8SX/1663
Description  Renesas 32-Bit CISC Microcomputer H8SX Family / H8SX/1600 Series
PDF  1158 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8SX/1663 Datasheet(HTML) 981 Page - Renesas Technology Corp

Back Button H8SX/1663 Datasheet HTML 977Page - Renesas Technology Corp H8SX/1663 Datasheet HTML 978Page - Renesas Technology Corp H8SX/1663 Datasheet HTML 979Page - Renesas Technology Corp H8SX/1663 Datasheet HTML 980Page - Renesas Technology Corp H8SX/1663 Datasheet HTML 981Page - Renesas Technology Corp H8SX/1663 Datasheet HTML 982Page - Renesas Technology Corp H8SX/1663 Datasheet HTML 983Page - Renesas Technology Corp H8SX/1663 Datasheet HTML 984Page - Renesas Technology Corp H8SX/1663 Datasheet HTML 985Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 981 / 1158 page
background image
Section 21 Flash Memory (0.18-
µm F-ZTAT Version)
Rev.1.00 Jun. 07, 2006 Page 929 of 1102
REJ09B0294-0100
Figure 21.19 shows an example of the procedure to program the tuned data in block EB0 of the
user MAT.
Flash memory
user MAT
EB8 to EB13*1
*2
Notes: 1.
EB8 to EB15 in the H8SX/1664.
2.
H'7FFFF in the H8SX/1664.
Download area
Tuned data area
Area for programming/
erasing program etc.
H'00000
H'01000
H'02000
H'03000
H'04000
H'05000
H'06000
H'07000
H'08000
H'5FFFF
Specified by FTDAR
H'FFA000
H'FFB000
H'FFAFFF
H'FFBFFF
EB0
EB1
EB2
EB3
EB4
EB5
EB6
EB7
(1) Exit RAM emulation mode.
(2) Transfer user-created programming/erasing
procedure program.
(3) Download the on-chip programming/erasing
program to the area specified by FTDAR.
FTDAR setting should avoid the tuned data area.
(4) Program after erasing, if necessary.
Figure 21.19 Programming Tuned Data (H8SX/1663)
1. After tuning program data is completed, clear the RAMS bit in RAMER to 0 to cancel the
overlaid RAM.
2. Transfer the user-created procedure program to the on-chip RAM.
3. Start the procedure program and download the on-chip program to the on-chip RAM. The start
address of the download destination should be specified by FTDAR so that the tuned data area
does not overlay the download area.
4. When block EB0 of the user MAT has not been erased, the programming program must be
downloaded after block EB0 is erased. Specify the tuned data saved in the FMPAR and
FMPDR parameters and then execute programming.
Note:
Setting the RAMS bit to 1 makes all the blocks of the user MAT enter the
programming/erasing protection state (emulation protection state) regardless of the setting
of the RAM2 to RAM0 bits. Under this condition, the on-chip program cannot be
downloaded. When data is to be actually programmed and erased, clear the RAMS bit
to 0.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com