Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

H8SX/1663 Datasheet(PDF) 979 Page - Renesas Technology Corp

Part # H8SX/1663
Description  Renesas 32-Bit CISC Microcomputer H8SX Family / H8SX/1600 Series
PDF  1158 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8SX/1663 Datasheet(HTML) 979 Page - Renesas Technology Corp

Back Button H8SX/1663 Datasheet HTML 975Page - Renesas Technology Corp H8SX/1663 Datasheet HTML 976Page - Renesas Technology Corp H8SX/1663 Datasheet HTML 977Page - Renesas Technology Corp H8SX/1663 Datasheet HTML 978Page - Renesas Technology Corp H8SX/1663 Datasheet HTML 979Page - Renesas Technology Corp H8SX/1663 Datasheet HTML 980Page - Renesas Technology Corp H8SX/1663 Datasheet HTML 981Page - Renesas Technology Corp H8SX/1663 Datasheet HTML 982Page - Renesas Technology Corp H8SX/1663 Datasheet HTML 983Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 979 / 1158 page
background image
Section 21 Flash Memory (0.18-
µm F-ZTAT Version)
Rev.1.00 Jun. 07, 2006 Page 927 of 1102
REJ09B0294-0100
21.9
Flash Memory Emulation Using RAM
For realtime emulation of the data written to the flash memory using the on-chip RAM, the on-
chip RAM area can be overlaid with several flash memory blocks (user MAT) using the RAM
emulation register (RAMER).
The overlaid area can be accessed from both the user MAT area specified by RAMER and the
overlaid RAM area. The emulation can be performed in user mode and user program mode.
Figure 21.17 shows an example of emulating realtime programming of the user MAT.
Emulation program start
Set RAMER
Write tuning data to overlaid
RAM area
Execute application program
Tuning OK?
Cancel setting in RAMER
Program emulation block
in user MAT
Emulation program end
Yes
No
Figure 21.17 RAM Emulation Flow



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com