Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

H8SX/1663 Datasheet(PDF) 776 Page - Renesas Technology Corp

Part # H8SX/1663
Description  Renesas 32-Bit CISC Microcomputer H8SX Family / H8SX/1600 Series
PDF  1158 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8SX/1663 Datasheet(HTML) 776 Page - Renesas Technology Corp

Back Button H8SX/1663 Datasheet HTML 772Page - Renesas Technology Corp H8SX/1663 Datasheet HTML 773Page - Renesas Technology Corp H8SX/1663 Datasheet HTML 774Page - Renesas Technology Corp H8SX/1663 Datasheet HTML 775Page - Renesas Technology Corp H8SX/1663 Datasheet HTML 776Page - Renesas Technology Corp H8SX/1663 Datasheet HTML 777Page - Renesas Technology Corp H8SX/1663 Datasheet HTML 778Page - Renesas Technology Corp H8SX/1663 Datasheet HTML 779Page - Renesas Technology Corp H8SX/1663 Datasheet HTML 780Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 776 / 1158 page
background image
Section 15 Serial Communication Interface (SCI, IrDA, CRC)
Rev.1.00 Jun. 07, 2006 Page 724 of 1102
REJ09B0294-0100
For the direct convention type, logic levels 1 and 0 correspond to states Z and A, respectively, and
data is transferred with LSB-first as the start character, as shown in figure 15.26. Therefore, data
in the start character in the figure is H'3B. When using the direct convention type, write 0 to both
the SDIR and SINV bits in SCMR. Write 0 to the O/
E bit in SMR in order to use even parity,
which is prescribed by the smart card standard.
Ds
AZ
Z
A
A
A
Z
AA
A
(Z)
(Z) state
D7
D6
D5
D4
D3
D2
D1
D0
Dp
Figure 15.27 Inverse Convention (SDIR = SINV = O/
E = 1)
For the inverse convention type, logic levels 1 and 0 correspond to states A and Z, respectively
and data is transferred with MSB-first as the start character, as shown in figure 15.27. Therefore,
data in the start character in the figure is H'3F. When using the inverse convention type, write 1 to
both the SDIR and SINV bits in SCMR. The parity bit is logic level 0 to produce even parity,
which is prescribed by the smart card standard, and corresponds to state Z. Since the SNIV bit of
this LSI only inverts data bits D7 to D0, write 1 to the O/
E bit in SMR to invert the parity bit in
both transmission and reception.
15.7.3
Block Transfer Mode
Block transfer mode is different from normal smart card interface mode in the following respects.
• Even if a parity error is detected during reception, no error signal is output. Since the PER bit
in SSR is set by error detection, clear the PER bit before receiving the parity bit of the next
frame.
• During transmission, at least 1 etu is secured as a guard time after the end of the parity bit
before the start of the next frame.
• Since the same data is not re-transmitted during transmission, the TEND flag is set 11.5 etu
after transmission start.
• Although the ERS flag in block transfer mode displays the error signal status as in normal
smart card interface mode, the flag is always read as 0 because no error signal is transferred.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com