| Electronic Components Datasheet Search |
|
H8SX/1663 Datasheet(PDF) 775 Page - Renesas Technology Corp |
|
|
|||||||||||||||||||||||||||||
H8SX/1663 Datasheet(HTML) 775 Page - Renesas Technology Corp |
|
775 / 1158 page ![]() Section 15 Serial Communication Interface (SCI, IrDA, CRC) Rev.1.00 Jun. 07, 2006 Page 723 of 1102 REJ09B0294-0100 15.7.2 Data Format (Except in Block Transfer Mode) Figure 15.25 shows the data transfer formats in smart card interface mode. • One frame contains 8-bit data and a parity bit in asynchronous mode. • During transmission, at least 2 etu (elementary time unit: time required for transferring one bit) is secured as a guard time after the end of the parity bit before the start of the next frame. • If a parity error is detected during reception, a low error signal is output for 1 etu after 10.5 etu has passed from the start bit. • If an error signal is sampled during transmission, the same data is automatically re-transmitted after at least 2 etu. Ds D0 D1 D2 D3 D4 D5 D6 D7 Dp In normal transmission/reception Output from the transmitting station Ds D0 D1 D2 D3 D4 D5 D6 D7 Dp When a parity error is generated Output from the transmitting station DE Output from the receiving station [Legend] Ds: Start bit D0 to D7: Data bits Dp: Parity bit DE: Error signal Figure 15.25 Data Formats in Normal Smart Card Interface Mode For communication with the smart cards of the direct convention and inverse convention types, follow the procedure below. Ds AZ Z A Z Z Z ZA A (Z) (Z) state D0 D1 D2 D3 D4 D5 D6 D7 Dp Figure 15.26 Direct Convention (SDIR = SINV = O/ E = 0) |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Datasheet Upload | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |