Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

H8SX/1663 Datasheet(PDF) 467 Page - Renesas Technology Corp

Part # H8SX/1663
Description  Renesas 32-Bit CISC Microcomputer H8SX Family / H8SX/1600 Series
PDF  1158 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8SX/1663 Datasheet(HTML) 467 Page - Renesas Technology Corp

Back Button H8SX/1663 Datasheet HTML 463Page - Renesas Technology Corp H8SX/1663 Datasheet HTML 464Page - Renesas Technology Corp H8SX/1663 Datasheet HTML 465Page - Renesas Technology Corp H8SX/1663 Datasheet HTML 466Page - Renesas Technology Corp H8SX/1663 Datasheet HTML 467Page - Renesas Technology Corp H8SX/1663 Datasheet HTML 468Page - Renesas Technology Corp H8SX/1663 Datasheet HTML 469Page - Renesas Technology Corp H8SX/1663 Datasheet HTML 470Page - Renesas Technology Corp H8SX/1663 Datasheet HTML 471Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 467 / 1158 page
background image
Section 8 Data Transfer Controller (DTC)
Rev.1.00 Jun. 07, 2006 Page 415 of 1102
REJ09B0294-0100
SAR
Transfer source data area
DAR
Transfer
Transfer destination data area
Figure 8.7 Memory Map in Normal Transfer Mode
8.5.5
Repeat Transfer Mode
In repeat transfer mode, one operation transfers one byte, one word, or one longword of data. By
the DTS bit in MRB, either the source or destination can be specified as a repeat area. From 1 to
256 transfers can be specified. When the specified number of transfers ends, the transfer counter
and address register specified as the repeat area is restored to the initial state, and transfer is
repeated. The other address register is then incremented, decremented, or left fixed. In repeat
transfer mode, the transfer counter (CRAL) is updated to the value specified in CRAH when
CRAL becomes H'00. Thus the transfer counter value does not reach H'00, and therefore a CPU
interrupt cannot be requested when DISEL = 0.
Table 8.7 lists the register function in repeat transfer mode. Figure 8.8 shows the memory map in
repeat transfer mode.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com