Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

H8SX/1663 Datasheet(PDF) 466 Page - Renesas Technology Corp

Part # H8SX/1663
Description  Renesas 32-Bit CISC Microcomputer H8SX Family / H8SX/1600 Series
PDF  1158 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8SX/1663 Datasheet(HTML) 466 Page - Renesas Technology Corp

Back Button H8SX/1663 Datasheet HTML 462Page - Renesas Technology Corp H8SX/1663 Datasheet HTML 463Page - Renesas Technology Corp H8SX/1663 Datasheet HTML 464Page - Renesas Technology Corp H8SX/1663 Datasheet HTML 465Page - Renesas Technology Corp H8SX/1663 Datasheet HTML 466Page - Renesas Technology Corp H8SX/1663 Datasheet HTML 467Page - Renesas Technology Corp H8SX/1663 Datasheet HTML 468Page - Renesas Technology Corp H8SX/1663 Datasheet HTML 469Page - Renesas Technology Corp H8SX/1663 Datasheet HTML 470Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 466 / 1158 page
background image
Section 8 Data Transfer Controller (DTC)
Rev.1.00 Jun. 07, 2006 Page 414 of 1102
REJ09B0294-0100
8.5.3
Transfer Information Writeback Skip Function
By specifying bit SM1 in MRA and bit DM1 in MRB to the fixed address mode, a part of transfer
information will not be written back. This function is performed regardless of short or full address
mode. Table 8.5 shows the transfer information writeback skip condition and writeback skipped
registers. Note that the CRA and CRB are always written back regardless of the short or full
address mode. In addition in full address mode, the writeback of the MRA and MRB are always
skipped.
Table 8.5
Transfer Information Writeback Skip Condition and Writeback Skipped
Registers
SM1
DM1
SAR
DAR
0
0
Skipped
Skipped
0
1
Skipped
Written back
1
0
Written back
Skipped
1
1
Written back
Written back
8.5.4
Normal Transfer Mode
In normal transfer mode, one operation transfers one byte, one word, or one longword of data.
From 1 to 65,536 transfers can be specified. The transfer source and destination addresses can be
specified as incremented, decremented, or fixed. When the specified number of transfers ends, an
interrupt can be requested to the CPU.
Table 8.6 lists the register function in normal transfer mode. Figure 8.7 shows the memory map in
normal transfer mode.
Table 8.6
Register Function in Normal Transfer Mode
Register
Function
Written Back Value
SAR
Source address
Incremented/decremented/fixed*
DAR
Destination address
Incremented/decremented/fixed*
CRA
Transfer count A
CRA
− 1
CRB
Transfer count B
Not updated
Note:
*
Transfer information writeback is skipped.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com