Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

H8SX/1663 Datasheet(PDF) 368 Page - Renesas Technology Corp

Part # H8SX/1663
Description  Renesas 32-Bit CISC Microcomputer H8SX Family / H8SX/1600 Series
PDF  1158 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8SX/1663 Datasheet(HTML) 368 Page - Renesas Technology Corp

Back Button H8SX/1663 Datasheet HTML 364Page - Renesas Technology Corp H8SX/1663 Datasheet HTML 365Page - Renesas Technology Corp H8SX/1663 Datasheet HTML 366Page - Renesas Technology Corp H8SX/1663 Datasheet HTML 367Page - Renesas Technology Corp H8SX/1663 Datasheet HTML 368Page - Renesas Technology Corp H8SX/1663 Datasheet HTML 369Page - Renesas Technology Corp H8SX/1663 Datasheet HTML 370Page - Renesas Technology Corp H8SX/1663 Datasheet HTML 371Page - Renesas Technology Corp H8SX/1663 Datasheet HTML 372Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 368 / 1158 page
background image
Section 6 Bus Controller (BSC)
Rev.1.00 Jun. 07, 2006 Page 316 of 1102
REJ09B0294-0100
(9) Switching Between Refresh Timer and Interval Timer
When changing the RFSHE bit in REFCR from 1 to 0, a refresh cycle may be inserted until the bit
change is reflected. After this, when using RTCNT as an interval timer, the compare match flag
(CMF) may be set to 1. Therefore, confirm the state before setting the CMIE bit to 1.
(10) RAS Down Mode and Software Standby Mode for DRAM Interface
When making a transition to software standby mode with the OPE bit in SBYCR set to 0 without
using the self-refresh mode, the transition should be made in RAS up mode (RCDM
= 0). When
RAS down mode (RCDM
= 1) is used, execute the SLEEP instruction after setting the RCDM bit
to 0. RAS down mode should be set again after recovery from software standby mode. For
SBYCR, see section 23, Power-Down Modes.
(11) RAS Down Mode and Clock Frequencies Setting for DRAM/SDRAM
Write access to SCKCR for setting the clock frequencies should be performed in RAS up mode
(RCDM
= 0). When RAS down mode (RCDM = 1) is used, set the RCDM bit to 0 before writing
to SCKCR. RAS down mode should be set again after clock frequencies are set. For SCKCR, see
section 22, Clock Pulse Generator.
(12) Cluster Transfer to SDRAM Space
Cluster transfer mode is available for the SDRAM with CAS latency of 2. When the SDRAM is
used in cluster transfer mode, the SDRAM with CAS latency of 2 should be used. In cluster
transfer mode, the write-precharge output delay function by the TRWL bit is not available. The
TRWL bit must be cleared to 0.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com