| Electronic Components Datasheet Search |
|
H8SX/1663 Datasheet(PDF) 367 Page - Renesas Technology Corp |
|
|
|||||||||||||||||||||||||||||
H8SX/1663 Datasheet(HTML) 367 Page - Renesas Technology Corp |
|
367 / 1158 page ![]() Section 6 Bus Controller (BSC) Rev.1.00 Jun. 07, 2006 Page 315 of 1102 REJ09B0294-0100 Also, since clock oscillation halts in software standby mode, if the BREQ signal goes low in this mode, indicating an external bus release request, the request cannot be answered until the chip has recovered from the software standby mode. Note that the BACK and BREQO pins are both in the high-impedance state in software standby mode. (5) External Bus Release Function and CBR-Refresh or Auto-Refresh Cycle The CBR refresh or auto-refresh cycle cannot be performed while the external bus is released. When a CBR-refresh or an auto-refresh cycle is requested, the BREQO signal can be output by setting the BREQOE bit in BCR1 to 1. (6) BREQO Output Timing When the BREQOE bit is set to 1 and the BREQO signal is output, both the BREQO and BACK signals may go low simultaneously. This will occur if the next external access request occurs while internal bus arbitration is in progress after the chip samples a low level of the BREQ signal. (7) Refresh Settings In single-chip activation mode, the setting of the RFSHE bit in REFCR should be made after setting the EXPE bit in SYSCR to 1. For SYSCR, see section 3, MCU Operating Modes. (8) Refresh Timer Settings The setting of bits RTCK2 to RTCK0 in REFCR should be made after RTCNT and RTCOR have been set. When changing RTCNT and RTCOR, the counter operation should be halted. When changing bits RTCK2 to RTCK0, change them only after disabling external bus release and, if the write data buffer function is in use, disabling the write data buffer function and reading the external space. |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Datasheet Upload | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |