| Electronic Components Datasheet Search |
|
H8SX/1663 Datasheet(PDF) 360 Page - Renesas Technology Corp |
|
|
|||||||||||||||||||||||||||||
H8SX/1663 Datasheet(HTML) 360 Page - Renesas Technology Corp |
|
360 / 1158 page ![]() Section 6 Bus Controller (BSC) Rev.1.00 Jun. 07, 2006 Page 308 of 1102 REJ09B0294-0100 6.14 Internal Bus 6.14.1 Access to Internal Address Space The internal address spaces of this LSI are the on-chip ROM space, on-chip RAM space, and register space for the on-chip peripheral modules. The number of cycles necessary for access differs according the space. Table 6.33 shows the number of access cycles for each on-chip memory space. Table 6.33 Number of Access Cycles for On-Chip Memory Spaces Access Space Access Number of Access Cycles Read One I φ cycle On-chip ROM space Write Three I φ cycles Read One I φ cycle On-chip RAM space Write One I φ cycle In access to the registers for on-chip peripheral modules, the number of access cycles differs according to the register to be accessed. When the dividing ratio of the operating clock of a bus master and that of a peripheral module is 1 : n, synchronization cycles using a clock divided by 0 to n-1 are inserted for register access in the same way as for external bus clock division. Table 6.34 lists the number of access cycles for registers of on-chip peripheral modules. Table 6.34 Number of Access Cycles for Registers of On-Chip Peripheral Modules Number of Cycles Module to be Accessed Read Write Write Data Buffer Function DMAC registers Two I φ Disabled MCU operating mode, clock pulse generator, power-down control registers, interrupt controller, bus controller, and DTC registers Two I φ Three I φ Disabled I/O port registers of PFCR and WDT Two P φ Three P φ Disabled I/O port registers other than PFCR and PORTM, TPU, PPG, TMR, SCI, SCI0 to SCI2, SCI4, A/D, and D/A registers Two P φ Enabled I/O port registers of PORTM, USB, SCI5, and SCI6 Three P φ Enabled |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Datasheet Upload | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |