| Electronic Components Datasheet Search |
|
H8SX/1663 Datasheet(PDF) 356 Page - Renesas Technology Corp |
|
|
|||||||||||||||||||||||||||||
H8SX/1663 Datasheet(HTML) 356 Page - Renesas Technology Corp |
|
356 / 1158 page ![]() Section 6 Bus Controller (BSC) Rev.1.00 Jun. 07, 2006 Page 304 of 1102 REJ09B0294-0100 6.13 Bus Release This LSI can release the external bus in response to a bus request from an external device. In the external bus released state, the internal bus master continue operation as long as there is no external access. In addition, in the external bus released state, the BREQO signal can be driven low to output a bus request externally. 6.13.1 Operation In external extended mode, when the BRLE bit in BCR1 is set to 1, and the ICR bit for the corresponding pin is set to 1, the bus can be released to the external. Driving the BREQ pin low issues an external bus request to this LSI. When the BREQ pin is sampled, at the prescribed timing, the BACK pin is driven low, and the address bus, data bus, and bus control signals are placed in the high-impedance state, establishing the external bus released state. For ICR, see section 9, I/O Ports. In the external bus released state, the CPU, DTC, and DMAC can access the internal space using the internal bus. When any one of the CPU, DTC, and DMAC attempts to accesses the external address space, it temporarily defers initiation of the bus cycle, and waits for the bus request from the external bus master to be canceled. In the external bus released state, certain operations are suspended as follows until the bus request from the external bus master is canceled: • When a refresh is requested, refresh control is suspended. • When the SLEEP instruction is executed to enter software standby mode or all-module clock- stop mode, control for software standby mode or all-module clock-stop mode is suspended. • When SCKCR is written to set the clock frequencies, changing of clock frequencies is suspended. For SCKCR, see section 22, Clock Pulse Generator. If the BREQOE bit in BCR1is set to 1, the BREQO pin can be driven low to request cancellation of the bus request when any of the following requests are issued. • When any one of the CPU, DTC, and DMAC attempts to access the external address space • When a refresh is requested • When a SLEEP instruction is executed to place the chip in software standby mode or all- module-clock-stop mode • When SCKCR is written to set the clock frequencies |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Datasheet Upload | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |