Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

R8C/20 Datasheet(PDF) 408 Page - Renesas Technology Corp

Part # R8C/20
Description  MCU R8C FAMILY / R8C/2x SERIES
PDF  501 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

R8C/20 Datasheet(HTML) 408 Page - Renesas Technology Corp

Back Button R8C/20 Datasheet HTML 404Page - Renesas Technology Corp R8C/20 Datasheet HTML 405Page - Renesas Technology Corp R8C/20 Datasheet HTML 406Page - Renesas Technology Corp R8C/20 Datasheet HTML 407Page - Renesas Technology Corp R8C/20 Datasheet HTML 408Page - Renesas Technology Corp R8C/20 Datasheet HTML 409Page - Renesas Technology Corp R8C/20 Datasheet HTML 410Page - Renesas Technology Corp R8C/20 Datasheet HTML 411Page - Renesas Technology Corp R8C/20 Datasheet HTML 412Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 408 / 501 page
background image
R8C/20 Group, R8C/21 Group
19. Flash Memory
Rev.2.00 Aug 27, 2008
Page 392 of 458
REJ09B0250-0200
19.4.3
Software Commands
Software commands are described below. Read or write commands and data from or to in 8-bit units.
SRD: Status register
data (D7 to D0)
WA: Write address (Ensure the address specified in the first bus cycle is the same address as the write
address specified in the second bus cycle.)
WD: Write data (8 bits)
BA: Given block address
×:
Any specified address in the user ROM area
19.4.3.1
Read Array Command
The read array command reads the flash memory.
The MCU enters read array mode by writing FFh in the first bus cycle. If entering the read address after the
following bus cycles, the content of the specified address can be read in 8-bit units.
Since the MCU remains in read array mode until another command is written, the contents of multiple
addresses can be read continuously.
In addition, the MCU enters read array mode after a reset.
19.4.3.2
Read Status Register Command
The read status register command reads the status register.
If writing 70h in the first bus cycle, the status register can be read in the second bus cycle. (Refer to 19.4.4
Status Registers) When reading the status register, specify an address in the user ROM area.
Do not execute this command in EW1 mode.
The MCU remains in read status register mode until the next read array command is written.
19.4.3.3
Clear Status Register Command
The clear status register command sets the status register to 0.
If writing 50h in the first bus cycle, the FMR06 to FMR07 bits in the FMR0 register and SR4 to SR5 in the
status register will be set to 0.
Table 19.4
Software Commands
Command
First Bus Cycle
Second Bus Cycle
Mode
Address
Data
(D7 to D0)
Mode
Address
Data
(
D7 to D0)
Read Array
Write
×
FFh
Read Status Register
Write
×
70h
Read
×
SRD
Clear Status Register
Write
×
50h
Program
Write
WA
40h
Write
WA
WD
Block Erase
Write
×
20h
Write
BA
D0h



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com