Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

R8C/20 Datasheet(PDF) 406 Page - Renesas Technology Corp

Part # R8C/20
Description  MCU R8C FAMILY / R8C/2x SERIES
PDF  501 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

R8C/20 Datasheet(HTML) 406 Page - Renesas Technology Corp

Back Button R8C/20 Datasheet HTML 402Page - Renesas Technology Corp R8C/20 Datasheet HTML 403Page - Renesas Technology Corp R8C/20 Datasheet HTML 404Page - Renesas Technology Corp R8C/20 Datasheet HTML 405Page - Renesas Technology Corp R8C/20 Datasheet HTML 406Page - Renesas Technology Corp R8C/20 Datasheet HTML 407Page - Renesas Technology Corp R8C/20 Datasheet HTML 408Page - Renesas Technology Corp R8C/20 Datasheet HTML 409Page - Renesas Technology Corp R8C/20 Datasheet HTML 410Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 406 / 501 page
background image
R8C/20 Group, R8C/21 Group
19. Flash Memory
Rev.2.00 Aug 27, 2008
Page 390 of 458
REJ09B0250-0200
Figure 19.9 shows the How to Set and Exit EW0 Mode. Figure 19.10 shows the How to Set and Exit EW1
Mode.
Figure 19.9
How to Set and Exit EW0 Mode
Figure 19.10
How to Set and Exit EW1 Mode
Set CM0 and CM1 registers(1)
Set the FMR01 bit by writing 0 and then 1
(CPU rewrite mode enabled)(2)
Execute the read array command(3)
Execute software commands
Write 0 to the FMR01 bit
(CPU rewrite mode enabled)
Jump to a specified address in the flash memory
Rewrite control program
NOTES:
1. Select 5 MHz or below for the CPU clock by the CM06 bit in the CM0 register and the CM16 to CM17 bits in the CM1 register.
2. When setting the FMR01 bit to 1, write 0 to the FMR01 bit before writing 1. Do not generate an interrupt between writing 0 and 1.
Write to the FMR01 bit in the RAM.
3. Disable the CPU rewrite mode after executing the read array command.
EW0 Mode Operating Procedure
Transfer a rewrite control program which uses CPU
rewrite mode to the RAM.
Jump to the rewrite control program which has been
transferred to the RAM.
(The subsequent process is executed by the rewrite
control program in the RAM.)
Write 0 to the FMR01 bit before writing 0
(CPU rewrite mode enabled)(1)
Write 0 to the FMR11 bit before writing 1
(EW1 mode)
Execute software commands
Write 0 to the FMR01 bit
(CPU rewrite mode disabled)
NOTE:
1. When setting the FMR01 bit to 1, write 0 to the FMR01 bit before writing 1.
Do not generate an interrupt between writing 0 and 1.
EW1 Mode Operating Procedure
Program in ROM



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com