| Electronic Components Datasheet Search |
|
R8C/20 Datasheet(PDF) 404 Page - Renesas Technology Corp |
|
|
|||||||||||||||||||||||||||||
R8C/20 Datasheet(HTML) 404 Page - Renesas Technology Corp |
|
404 / 501 page ![]() R8C/20 Group, R8C/21 Group 19. Flash Memory Rev.2.00 Aug 27, 2008 Page 388 of 458 REJ09B0250-0200 Figure 19.7 FMR4 Register Flash Memory Control Register 4 Symbol Address After Reset FMR4 01B3h 01000000b Bit Symbol Bit Name Function RW NOTES: 1. 2. 3. 4. 5. When setting this bit to 1, set to 1 immediately after setting it first to 0. Do not generate an interrupt betw een setting the bit to 0 and setting it to 1. This bit is enabled w hen the FMR40 bit is set to 1 (enable) and this bit can be w ritten during the period betw een issuing an erase command and completing an erase (This bit is set to 0 during the periods other than above.) In EW0 mode, this can be set to 0 or 1 by a program. In EW1 mode, this bit is automatically set to 1 if a maskable interrupt is generated during an erase operation w hile the FMR40 bit is set to 1. Do not set this bit to 1 by a program (0 can be w ritten). b3 b2 Set to 0 b1 b0 FMR41 — (b5-b2) 0 FMR40 FMR42 FMR44 b7 b6 b5 b4 RW RW Erase-suspend function enable bit(1) 0 : Disables reading 1 : Enables reading Reserved bit 0 : Disable 1 : Enable Erase-suspend request bit(2) 0 : Erase restart 1 : Erase-suspend request RO RO RW FMR43 Erase command flag 0 : Erase not executed 1 : During erase execution RO 0 : Disable 1 : Enable FMR46 Program-suspend request bit(3) 0 : Program restart 1 : Program-suspend request Set the FMR01 bit in the FMR0 register to 0 (CPU rew rite mode disabled) in low -pow er-consumption read mode. In high-speed clock mode and high-speed on-chip oscillator mode, set the FMR47 bit to 0 (disabled). Program command flag 0 : Program not executed 1 : During program execution RO The FMR42 bit is enabled only w hen the FMR40 bit is set to 1 (enable) and programming to the FMR42 bit is enabled until the auto-program ends since the program command is generated. (This bit is set to 0 during periods other than above.) In EW0 mode, 0 or 1 can be programmed to the FMR42 bit by a program. In EW1 mode, the FMR42 bit is automatically set to 1 by generating a maskable interrupt during the auto-program w hen the FMR40 bit is set to 1. 1 cannot be programmed to the FMR42 bit by a program. FMR47 Read status flag RW Low -pow er consumption read mode enable bit (1,4) |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Datasheet Upload | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |