| Electronic Components Datasheet Search |
|
R8C/20 Datasheet(PDF) 400 Page - Renesas Technology Corp |
|
|
|||||||||||||||||||||||||||||
R8C/20 Datasheet(HTML) 400 Page - Renesas Technology Corp |
|
400 / 501 page ![]() R8C/20 Group, R8C/21 Group 19. Flash Memory Rev.2.00 Aug 27, 2008 Page 384 of 458 REJ09B0250-0200 Figure 19.5 shows the FMR0 Register, Figure 19.6 shows the FMR1 Register and Figure 19.7 shows the FMR4 Register. 19.4.2.1 FMR00 Bit This bit indicates the operating status of the flash memory. The bit is 0 during programming, erasing (including suspend periods), or erase-suspend mode; otherwise, the bit is 1. 19.4.2.2 FMR01 Bit The MCU is made ready to accept commands by setting the FMR01 bit to 1 (CPU rewrite mode). 19.4.2.3 FMR02 Bit The block0, block1, block2 and block3 do not accept the program and block erase commands if the FMR02 bit is set to 0 (rewrite disabled). The block0 and block1 are controlled rewriting in the FMR15 and FMR16 bits if the FMR02 bit is set to 1 (rewrite enabled). 19.4.2.4 FMSTP Bit This bit is provided for initializing the flash memory control circuits, as well as for reducing the amount of current consumed in the flash memory. The flash memory is disabled against access by setting the FMSTP bit to 1. Therefore, the FMSTP bit must be written to by a program transferred to the RAM. In the following cases, set the FMSTP bit to 1: • When flash memory access resulted in an error while erasing or programming in EW0 mode (FMR00 bit not reset to 1 (ready)) • When entering high-speed on-chip oscillator mode, low-speed on-chip oscillator mode (XIN clock stop) Figure 19.11 shows a Process to Reduce Power Consumption in High-Speed On-Chip Oscillator Mode, Low- Speed On-Chip Oscillator Mode (XIN Clock Stops) and Low-Speed Clock Mode (XIN Clock Stops). Note that when going to stop or wait mode while the CPU rewrite mode is disabled, the FMR0 register does not need to be set because the power for the flash memory is automatically turned off and is turned back on again after returning from stop or wait mode. 19.4.2.5 FMR06 Bit This is a read-only bit indicating the status of auto program operation. The bit is set to 1 when a program error occurs; otherwise, it is cleared to 0. For details, refer to the description of the 19.4.5 Full Status Check. 19.4.2.6 FMR07 Bit This is a read-only bit indicating the status of auto erase operation. The bit is set to 1 when an erase error occurs; otherwise, it is set to 0. Refer to 19.4.5 Full Status Check for the details. 19.4.2.7 FMR11 Bit Setting this bit to 1 (EW1 mode) places the MCU in EW1 mode. 19.4.2.8 FMR15 Bit When the FMR02 bit is set to 1 (rewrite enabled) and the FMR15 bit is set to 0 (rewrite enabled), the block0 accepts the program command and block erase command. 19.4.2.9 FMR16 Bit When the FMR02 bit is set to 1 (rewrite enabled) and the FMR16 bit is set to 0 (rewrite enabled), the block1 accepts the program command and block erase command. 19.4.2.10 FMR40 Bit The suspend function is enabled by setting the FMR40 bit to 1 (enable). |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Datasheet Upload | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |