| Electronic Components Datasheet Search |
|
R8C/20 Datasheet(PDF) 397 Page - Renesas Technology Corp |
|
|
|||||||||||||||||||||||||||||
R8C/20 Datasheet(HTML) 397 Page - Renesas Technology Corp |
|
397 / 501 page ![]() R8C/20 Group, R8C/21 Group 19. Flash Memory Rev.2.00 Aug 27, 2008 Page 381 of 458 REJ09B0250-0200 19.3.2 ROM Code Protect Function The ROM code protect function disables to read and change the internal flash memory by the OFS register in parallel I/O mode. Figure 19.4 shows the OFS Register. The ROM code protect function is enabled by writing 0 to the ROMCP1 bit and 1 to the ROMCR bit and disables to read and change the internal flash memory. Once the ROM code protect is enabled, the content in the internal flash memory cannot be rewritten in parallel I/O mode. When the ROM code protect is disabled, erase the block including the OFS register with CPU rewrite mode or standard serial I/O mode. Figure 19.4 OFS Register Option Function Select Register (1) Symbol Address Before Shipment OFS 0FFFFh FFh(3) Bit Symbol Bit Name Function RW Reserved bit NOTES: 1. 2. 3. b7 b6 b5 b4 b3 b2 b1 b0 11 1 — (b1) Set to 1 RW WDTON Watchdog timer start select bit 0 : Starts w atchdog timer automatically after reset 1 : Watchdog timer is inactive after reset RW ROMCR ROM code protect disabled bit 0 : ROM code protect disabled 1 : ROMCP1 enabled RW ROMCP1 ROM code protect bit 0 : ROM code protect enabled 1 : ROM code protect disabled RW RW — (b5-b4) Reserved bits Set to 1 RW If the block including the OFS register is erased, FFh is set to the OFS register. To use the pow er-on reset, set the LVD1ON bit to 0 (voltage monitor 1 reset enabled after reset). LVD1ON Voltage detection circuit start bit(2) 0 : Voltage monitor 1 reset enabled after reset 1 : Voltage monitor 1 reset disabled after reset RW The OFS register is on the flash memory. Write to the OFS register w ith a program. After w riting is completed, do not w rite additions to the OFS register. CSPROINI Count source protect mode after reset select bit 0 : Count source protect mode enabled after reset 1 : Count source protect mode disabled after reset |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Datasheet Upload | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |