Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

R8C/20 Datasheet(PDF) 394 Page - Renesas Technology Corp

Part # R8C/20
Description  MCU R8C FAMILY / R8C/2x SERIES
PDF  501 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

R8C/20 Datasheet(HTML) 394 Page - Renesas Technology Corp

Back Button R8C/20 Datasheet HTML 390Page - Renesas Technology Corp R8C/20 Datasheet HTML 391Page - Renesas Technology Corp R8C/20 Datasheet HTML 392Page - Renesas Technology Corp R8C/20 Datasheet HTML 393Page - Renesas Technology Corp R8C/20 Datasheet HTML 394Page - Renesas Technology Corp R8C/20 Datasheet HTML 395Page - Renesas Technology Corp R8C/20 Datasheet HTML 396Page - Renesas Technology Corp R8C/20 Datasheet HTML 397Page - Renesas Technology Corp R8C/20 Datasheet HTML 398Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 394 / 501 page
background image
R8C/20 Group, R8C/21 Group
19. Flash Memory
Rev.2.00 Aug 27, 2008
Page 378 of 458
REJ09B0250-0200
Figure 19.1
Flash Memory Block Diagram for R8C/20 Group
User ROM area
Block 0: 32 Kbytes(1)
0C000h
13FFFh
64 Kbytes ROM product
0FFFFh
10000h
0BFFFh
04000h
Block 1: 32 Kbytes(1)
User ROM area
Block 0: 32 Kbytes(1)
0C000h
13FFFh
96 Kbytes ROM product
0FFFFh
10000h
0BFFFh
04000h
Block 1: 32 Kbytes(1)
Block 2: 32 Kbytes(2)
14000h
1BFFFh
User ROM area
Block 0: 32 Kbytes(1)
0C000h
13FFFh
128 Kbytes ROM product
0FFFFh
10000h
0BFFFh
04000h
Block 1: 32 Kbytes(1)
Block 2: 32 Kbytes(2)
14000h
1BFFFh
Block 3: 32 Kbytes(2, 3)
1C000h
23FFFh
User ROM area
Block 0: 16 Kbytes(1)
0C000h
48 Kbytes ROM product
0FFFFh
0BFFFh
04000h
Block 1: 32 Kbytes(1)
User ROM area
Block 0: 16 Kbytes(1)
0C000h
32 Kbytes ROM product
0FFFFh
0BFFFh
08000h
Block 1: 16 Kbytes(1)
Program ROM
Boot ROM area (reserved area)(4)
8 Kbytes
0E000h
0FFFFh
NOTES:
1. When setting the FMR02 bit in the FMR0 register to 1 (enables to rewrite) and the FMR15 bit in the FMR1 register to 0 (enable to rewrite),
Block 0 is rewritable. When setting the FMR16 bit to 0 (enables to rewrite), Block 1 is rewritable (only for CPU rewrite mode).
2. When setting the FMR02 bit in the FMR0 register to 1 (enables to rewrite), Block 2 and Block 3 are rewritable (only for CPU rewrite mode).
3. Do not use addresses 20000h to 23FFFh because these areas are used for the emulator debugger. Refer to 23. Notes on Emulator
Debugger.
4. This area is to store the boot program provided by Renesas Technology.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com