| Electronic Components Datasheet Search |
|
R8C/20 Datasheet(PDF) 391 Page - Renesas Technology Corp |
|
|
|||||||||||||||||||||||||||||
R8C/20 Datasheet(HTML) 391 Page - Renesas Technology Corp |
|
391 / 501 page ![]() R8C/20 Group, R8C/21 Group 19. Flash Memory Rev.2.00 Aug 27, 2008 Page 375 of 458 REJ09B0250-0200 19. Flash Memory 19.1 Overview In the flash memory version, rewrite operations to the flash memory can be performed in three modes ; CPU rewrite, standard serial I/O, parallel I/O modes. Table 19.1 lists the Flash Memory Performance (see Table 1.1 and Table 1.2 Performance for the items not listed on Table 19.1). NOTES: 1. Definition of programming and erasure endurance The programming and erasure endurance is defined on a per-block basis. If the programming and erasure endurance is n (n = 100 or 10,000), each block can be erased n times. For example, if 1,024 1-byte writes are performed to different addresses in block A, a 1-Kbyte block, and then the block is erased, the programming/erasure endurance still stands at one. When performing 100 or more rewrites, the actual erasure endurance can be reduced by executing programming operations in such a way that all blank areas are used before performing an erase operation. Avoid rewriting only particular blocks and try to average out the programming and erasure endurance of the blocks. It is also advisable to retain data on the erasure endurance of each block and limit the number of erase operations to a certain number. 2. Blocks A and B are embedded only in the R8C/21 Group. Table 19.1 Flash Memory Performance Item Specification Flash Memory Operating Mode 3 modes (CPU rewrite, standard serial I/O, and parallel I/O mode) Division of Erase Block See Figure 19.1 and Figure 19.2 Program Method Byte unit Erase Method Block erase Program, Erase Control Method Program and erase control by software command Rewrite Control Method Rewrite control for blocks 0 and 1 by FMR02 bit in FMR0 register Rewrite control for block 0 by FMR16 bit and block 1 by FMR16 bit Number of Commands 5 commands Programming and erase endurance(1) Blocks 0 and 1 (Program ROM) R8C/20 Group: 100 times; R8C/21 Group: 1,000 times Blocks A and B (Data Flash)(2) 10,000 times ID Code Check Function Standard serial I/O mode supported ROM Code Protect For parallel I/O mode supported |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Datasheet Upload | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |