Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

R8C/20 Datasheet(PDF) 393 Page - Renesas Technology Corp

Part # R8C/20
Description  MCU R8C FAMILY / R8C/2x SERIES
PDF  501 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

R8C/20 Datasheet(HTML) 393 Page - Renesas Technology Corp

Back Button R8C/20 Datasheet HTML 389Page - Renesas Technology Corp R8C/20 Datasheet HTML 390Page - Renesas Technology Corp R8C/20 Datasheet HTML 391Page - Renesas Technology Corp R8C/20 Datasheet HTML 392Page - Renesas Technology Corp R8C/20 Datasheet HTML 393Page - Renesas Technology Corp R8C/20 Datasheet HTML 394Page - Renesas Technology Corp R8C/20 Datasheet HTML 395Page - Renesas Technology Corp R8C/20 Datasheet HTML 396Page - Renesas Technology Corp R8C/20 Datasheet HTML 397Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 393 / 501 page
background image
R8C/20 Group, R8C/21 Group
19. Flash Memory
Rev.2.00 Aug 27, 2008
Page 377 of 458
REJ09B0250-0200
19.2
Memory Map
The flash memory contains a user ROM area and a boot ROM area (reserved area).
Figure 19.1 shows the Flash Memory Block Diagram for R8C/20 Group. Figure 19.2 shows the Flash Memory
Block Diagram for R8C/21 Group.
The user ROM area of R8C/21 Group contains an area which stores a MCU operating program (program ROM)
and the 1-Kbyte block A and B (data flash).
The user ROM area is divided into several blocks. The user ROM area can be rewritten in CPU rewrite and
standard serial I/O and parallel I/O modes.
When rewriting the block 0 and block 1 in CPU rewrite mode, set the FMR02 bit in the FMR0 register to 1 (rewrite
enables), and when setting the FMR15 bit in the FMR1 register to 0 (rewrite enables), block 0 is rewritable. When
setting the FMR16 bit to 0 (rewrite enables), block 1 is rewritable.
When rewriting the block 2 and block 3 in CPU rewrite mode, set the FMR02 bit in the FMR0 register to 1 (rewrite
enables).
The rewrite control program for standard serial I/O mode is stored in boot ROM area before shipment. The boot
ROM area and the user ROM area share the same address, but have an another memory.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com