| Electronic Components Datasheet Search |
|
R8C/20 Datasheet(PDF) 407 Page - Renesas Technology Corp |
|
|
|||||||||||||||||||||||||||||
R8C/20 Datasheet(HTML) 407 Page - Renesas Technology Corp |
|
407 / 501 page ![]() R8C/20 Group, R8C/21 Group 19. Flash Memory Rev.2.00 Aug 27, 2008 Page 391 of 458 REJ09B0250-0200 Figure 19.11 Process to Reduce Power Consumption in High-Speed On-Chip Oscillator Mode, Low-Speed On-Chip Oscillator Mode (XIN Clock Stops) and Low-Speed Clock Mode (XIN Clock Stops) Transfer a high-speed on-chip oscillator mode, low- speed on-chip oscillator mode (XIN clock stops) program to the RAM Jump to the high-speed on-chip oscillator mode, low- speed on-chip oscillator mode (XIN clock stops) program which has been transferred to the RAM. (The subsequent processing is executed by a program in the RAM.) Write 0 to the FMR01 bit before writing 1 (CPU rewrite mode enabled) Switch the clock source for the CPU clock. Turn XIN off Process in high-speed on-chip oscillator mode, low-speed on-chip oscillator mode (XIN clock stops) Write 0 to the FMR01 bit (CPU rewrite mode disabled) Jump to a specified address in the flash memory High-speed on-chip oscillator mode, low-speed on-chip oscillator mode (XIN clock stops) program NOTES: 1. Set the FMR01 bit to 1 (CPU rewrite mode enabled) before setting the FMSTP bit to 1 . 2. Before the clock source for CPU clock can be changed, the clock to which to be changed must be stable. 3. Insert a 30 µs wait time in a program. Do not access to the flash memory during this wait time. Write 1 to the FMSTP bit (Flash memory stops. Low power consumption state)(1) Wait until the flash memory circuit stabilizes (30 µs)(3) Write 0 to the FMSTP bit (flash memory operation) Turn XIN clock on →wait until oscillation stabilizes →switch the clock source for CPU clock(2) |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Datasheet Upload | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |