Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

R8C/20 Datasheet(PDF) 410 Page - Renesas Technology Corp

Part # R8C/20
Description  MCU R8C FAMILY / R8C/2x SERIES
PDF  501 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

R8C/20 Datasheet(HTML) 410 Page - Renesas Technology Corp

Back Button R8C/20 Datasheet HTML 406Page - Renesas Technology Corp R8C/20 Datasheet HTML 407Page - Renesas Technology Corp R8C/20 Datasheet HTML 408Page - Renesas Technology Corp R8C/20 Datasheet HTML 409Page - Renesas Technology Corp R8C/20 Datasheet HTML 410Page - Renesas Technology Corp R8C/20 Datasheet HTML 411Page - Renesas Technology Corp R8C/20 Datasheet HTML 412Page - Renesas Technology Corp R8C/20 Datasheet HTML 413Page - Renesas Technology Corp R8C/20 Datasheet HTML 414Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 410 / 501 page
background image
R8C/20 Group, R8C/21 Group
19. Flash Memory
Rev.2.00 Aug 27, 2008
Page 394 of 458
REJ09B0250-0200
Figure 19.13
Program Command (When Suspend Function Enabled)
Start
Write the command code 40h
to the write address
Write data to the write address
FMR44 = 0 ?
Full status check
Program completed
No
Yes
EW0 Mode
FMR40 = 1
Start
Write the command code 40h
Write data to the write address
FMR44 = 0 ?
Full status check
Program completed
No
Yes
EW1 Mode
FMR40 = 1
Maskable interrupt (2)
REIT
Access flash memory
FMR42 = 0
NOTES:
1. In EW0 mode, the interrupt vector table and interrupt routine for interrupts to be used should be allocated to the RAM area.
2. td(SR-SUS) is needed until the interrupt request is acknowledged after it is generated. The interrupt to enter suspend
should be in interrupt enabled status.
3. When no interrupt is used, the instruction to enable interrupts is not needed.
4. td(SR-SUS) is needed until program is suspended after the FMR42 bit in the FMR4 register is set to 1.
Maskable interrupt(1)
FMR46 = 1 ?
REIT
Yes
FMR42 = 1(4)
FMR42 = 0
Access flash memory
FMR44 = 1 ?
Yes
No
Access flash memory
No
I = 1 (enable interrupt)
I = 1 (enable interrupt)(3)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com