Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AS7150 Datasheet(PDF) 109 Page - ams-OSRAM AG

Part # AS7150
Description  Optical force sensing analog front end
PDF  159 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSOSRAM [ams-OSRAM AG]
Direct Link  https://ams-osram.com/
Logo AMSOSRAM - ams-OSRAM AG

AS7150 Datasheet(HTML) 109 Page - ams-OSRAM AG

Back Button AS7150 Datasheet HTML 105Page - ams-OSRAM AG AS7150 Datasheet HTML 106Page - ams-OSRAM AG AS7150 Datasheet HTML 107Page - ams-OSRAM AG AS7150 Datasheet HTML 108Page - ams-OSRAM AG AS7150 Datasheet HTML 109Page - ams-OSRAM AG AS7150 Datasheet HTML 110Page - ams-OSRAM AG AS7150 Datasheet HTML 111Page - ams-OSRAM AG AS7150 Datasheet HTML 112Page - ams-OSRAM AG AS7150 Datasheet HTML 113Page - ams-OSRAM AG Next Button
Zoom Inzoom in Zoom Outzoom out
 109 / 159 page
background image
AS7150
Register description
Datasheet • PUBLIC • Document Feedback
DS001130 • v3-00 • 2026-Jan-26
109 / 159
/
Addr: 0x53
PD_SEQ1_SUB1
2:0
Depending on register bit
mod2_seq1_sub1_pdsel[3] the register bits
mod2_seq1_sub1_pdsel[2:0] support a
different function.
If mod2_seq1_sub1_pdsel[3] is set to 0 the
register assigns the photodiode inputs to
ADC modulator 2 in sequencer 1 for
subsample 1:
001: PD1 connected to ADC modulator 2
010: PD2 connected to ADC modulator 2
100: PD3 connected to ADC modulator 2
If mod2_seq1_sub1_pdsel[3] is set to 1 the
AFE function block is connected to ADC
modulator 2 in sequencer 1 for subsample 1
and allows for the following input
configuration:
000: LED 1
001: LED 2
010: LED 3
011: VCSELS
100: VCSELA
101: PGND
110: VDD
111: ITEMP



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com