Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

STM32MP253D Datasheet(PDF) 112 Page - STMicroelectronics

Part # STM32MP253D
Description  Arm® based dual Cortex®-A35 1.5 GHz Cortex®-M33 MPU, AI, 3D GPU, video encoder/decoder, TFT/DSI/LVDS, USB 3.0, PCIe®
PDF  234 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32MP253D Datasheet(HTML) 112 Page - STMicroelectronics

Back Button STM32MP253D Datasheet HTML 108Page - STMicroelectronics STM32MP253D Datasheet HTML 109Page - STMicroelectronics STM32MP253D Datasheet HTML 110Page - STMicroelectronics STM32MP253D Datasheet HTML 111Page - STMicroelectronics STM32MP253D Datasheet HTML 112Page - STMicroelectronics STM32MP253D Datasheet HTML 113Page - STMicroelectronics STM32MP253D Datasheet HTML 114Page - STMicroelectronics STM32MP253D Datasheet HTML 115Page - STMicroelectronics STM32MP253D Datasheet HTML 116Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 112 / 234 page
background image
Table 23. Current consumption (IDDCPU) in Run modes
Evaluated by characterization, not tested in production unless otherwise specified.
Except otherwise noted, typical values given with VDDCORE = 0.82 V, VDDCPU = 0.8 V and VDDGPU = 0.8 V, maximum values given with VDDCORE = 0.842 V, VDDCPU = 0.842 V and
VDDGPU = 0.839 V.
Symbol
Parameter
Conditions
Typ
Max
Unit
-
D1 (CPU1)
(1)
mode
D2
(CPU2)
mode
D3
(CPU3)
mode
Osc.
CPU1
clk
(MHz)
AXI
clk
(MHz)
(2)
CPU2
clk
(MHz)
CPU3
clk
(MHz)
GPU
clk
(MHz)
TJ =
25 °C
TJ =
25 °C
TJ =
85 °C
TJ =
105 °C
TJ =
125 °C
IDDCPU(3)
Supply current
in Run mode
All
peripherals
Enabled(4)
DRun
(CRun:
P0&P1)
Run1
(CRun)
SRun1
(CRun)
HSE +
HSI +
PLL
1500(5)
600
400
200
900(6)
245
290
360
410
510
mA
1200
600
400
200
800
165
210
270
320
410
750
600
400
200
800
105
130
200
240
330
600
600
400
200
800
84.5
110
170
220
310
IDDCPU(7)
Supply current
in Run mode
All
peripherals
Enabled(4)
DRun
(CRun:
P0&P1)
Run1
(CRun)
SRun1
(CRun)
HSE +
HSI +
PLL
1500(5)
600
400
200
900(6)
245
290
360
410
510
mA
1200
600
400
200
800
165
210
270
320
410
750
600
400
200
800
105
130
200
240
330
600
600
400
200
800
84
110
170
220
310
IDDCPU(8)
Supply current
in Run mode
All
peripherals
Enabled(4)
DRun
(CRun:
P0&P1)
Run1
(CRun)
SRun1
(CRun)
HSE +
HSI +
PLL
1500(5)
600
400
200
-
245
290
360
410
510
mA
1200
600
400
200
-
165
210
270
320
410
750
600
400
200
-
105
130
200
240
330
600
600
400
200
-
84.5
110
170
220
310
IDDCPU(9)
Supply current
in Run mode
All
peripherals
Enabled(4)
DRun
(CRun: P0)
Run1
(CRun)
SRun1
(CRun)
HSE +
HSI +
PLL
1500(5)
600
400
200
-
130
160
230
280
370
mA
1200
600
400
200
-
89.5
120
180
220
310
750
600
400
200
-
57
73
140
180
270
600
600
400
200
-
46
61
130
170
260
IDDCPU(3)
Supply current
in Run mode
All
peripherals
Enabled(4)
DRun
(CRun:
P0&P1)
Run1
(Cstop)
SRun1
(CStop)
HSE +
HSI +
PLL
1500(5)
600
-
-
900(6)
245
290
360
410
510
mA
1200
600
-
-
800
165
210
270
320
410
750
600
-
-
800
105
130
200
240
330
600
600
-
-
800
84.5
110
170
220
310
IDDCPU(7)
Supply current
in Run mode
All
peripherals
Enabled(4)
DRun
(CRun:
P0&P1)
Run1
(Cstop)
SRun1
(CStop)
HSE +
HSI +
PLL
1500(5)
600
-
-
900(6)
245
290
360
410
510
mA
1200
600
-
-
800
165
210
270
320
410
750
600
-
-
800
105
130
200
240
330
600
600
-
-
800
84.5
110
170
220
310



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com