Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

STM32MP253D Datasheet(PDF) 36 Page - STMicroelectronics

Part # STM32MP253D
Description  Arm® based dual Cortex®-A35 1.5 GHz Cortex®-M33 MPU, AI, 3D GPU, video encoder/decoder, TFT/DSI/LVDS, USB 3.0, PCIe®
PDF  234 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32MP253D Datasheet(HTML) 36 Page - STMicroelectronics

Back Button STM32MP253D Datasheet HTML 32Page - STMicroelectronics STM32MP253D Datasheet HTML 33Page - STMicroelectronics STM32MP253D Datasheet HTML 34Page - STMicroelectronics STM32MP253D Datasheet HTML 35Page - STMicroelectronics STM32MP253D Datasheet HTML 36Page - STMicroelectronics STM32MP253D Datasheet HTML 37Page - STMicroelectronics STM32MP253D Datasheet HTML 38Page - STMicroelectronics STM32MP253D Datasheet HTML 39Page - STMicroelectronics STM32MP253D Datasheet HTML 40Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 36 / 234 page
background image
3.45
Timers and watchdogs
The devices include three advanced-control timers, twelve general-purpose timers, two basic timers, five low-
power timers, seven watchdogs, two SysTick timers in Cortex-M33 , one SysTick timer in Cortex-M0+, and four
system timers in each Cortex-A35.
All timer counters can be frozen in debug mode.
The table below compares features of the different timers.
Table 7. Timer feature comparison
Timer
type
Timer
Counter
resolution
Counter
type
Prescaler
factor
DMA
request
generation
Capture/
compare
channels
Comple-
mentary
output
Max
interface
clock
(MHz)
Max(1)
timer
clock
(MHz)
Advanced
-control
TIM1,
TIM8 , TIM20
16-bit
Up,
down,
up/down
Any integer
between 1
and 65536
Yes
6
4
200
200
General
purpose
TIM2,
TIM3,
TIM4,
TIM5
32-bit
Up,
down,
up/down
Any integer between 1 and 65536
Yes
4
No
200
200
TIM10,
TIM11,
TIM13,
TIM14
16-bit
Up
Any integer between 1 and 65536
No
1
No
200
200
TIM12
16-bit
Up
Any integer between 1 and 65536
No
2
No
200
200
TIM15
16-bit
Up
Any integer between 1 and 65536
Yes
2
1
200
200
TIM16,
TIM17
16-bit
Up
Any integer between 1 and 65536
Yes
1
1
200
200
Basic
TIM6,
TIM7
16-bit
Up
Any integer between 1 and 65536
Yes
0
No
200
200
Low-power
LPTIM1,
LPTIM2
16-bit
Up,
Up/down
1, 2, 4, 8, 16, 32, 64, 128
Yes
2(2)
No
200
100
LPTIM3,
LPTIM4
16-bit
Up
1, 2, 4, 8, 16, 32, 64, 128
Yes
2(2)
No
200(3)
100(4)
LPTIM5
16-bit
Up
1, 2, 4, 8, 16, 32, 64, 128
No
0
No
200(3)
100
1. The maximum timer clock depends on RCC settings.
2. only compare channel.
3. 16 MHz bus clock when supplied by the backup regulator (LP-Stop1/2, LPLV-Stop1/2 or Standby1).
4. 32 kHz timer clock in autonomous mode (Stop1/2, LP-Stop1/2, LPLV-Stop1/2 or Standby1).
3.45.1
Advanced-control timers (TIM1/8/20)
The advanced-control timers can be seen as three-phase PWM generators multiplexed on six channels. They
have complementary PWM outputs with programmable inserted dead times. They can also be considered as
complete general-purpose timers. Their four independent channels can be used for:
•
input capture
•
output compare
•
PWM generation (edge- or center-aligned modes)
•
one-pulse mode output
STM32MP251A/D STM32MP253A/D STM32MP255A/D STM32MP257A/D
Functional overview
DS14285 - Rev 2
page 36/234



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com