Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

STM32MP253D Datasheet(PDF) 34 Page - STMicroelectronics

Part # STM32MP253D
Description  Arm® based dual Cortex®-A35 1.5 GHz Cortex®-M33 MPU, AI, 3D GPU, video encoder/decoder, TFT/DSI/LVDS, USB 3.0, PCIe®
PDF  234 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32MP253D Datasheet(HTML) 34 Page - STMicroelectronics

Back Button STM32MP253D Datasheet HTML 30Page - STMicroelectronics STM32MP253D Datasheet HTML 31Page - STMicroelectronics STM32MP253D Datasheet HTML 32Page - STMicroelectronics STM32MP253D Datasheet HTML 33Page - STMicroelectronics STM32MP253D Datasheet HTML 34Page - STMicroelectronics STM32MP253D Datasheet HTML 35Page - STMicroelectronics STM32MP253D Datasheet HTML 36Page - STMicroelectronics STM32MP253D Datasheet HTML 37Page - STMicroelectronics STM32MP253D Datasheet HTML 38Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 34 / 234 page
background image
3.37
Display serial interface (DSI)
Note:
Features may be limited or absent in some devices or packages (see Section 2: Description for details).
The DSI is part of a group of communication protocols defined by the MIPI Alliance. The MIPI DSI host controller
is a digital core that implements all protocol functions defined in the MIPI DSI specification.
It provides an interface between the system and the MIPI D-PHY that allows the communication with a DSI-
compliant display.
•
Compliant with MIPI Alliance standards
•
Interface with MIPI D-PHY
•
Supports all commands defined in the MIPI Alliance specification for DCS
•
Bidirectional communication and escape mode support through data lane 0
•
Supports non-continuous clock in D-PHY clock lane for additional power saving
•
Supports ultra-low-power mode with PLL disabled
•
ECC and checksum capabilities
•
Support for end of transmission packet (EoTp)
•
Fault recovery schemes
•
Configurable selection of system interfaces:
–
AMBA APB for control and optional support for generic and DCS commands
–
Video mode interface through LTDC
–
Adapted command mode interface through LTDC
–
Independently programmable virtual channel ID in video mode, adapted command mode and APB
slave
•
Video mode interfaces features:
–
LTDC interface color coding mappings into 16, 18 and 24-bit interface
–
Programmable polarity of all LTDC interface signals
•
Adapted interface features:
–
Support for sending large amounts of data through the memory_write_start (WMS) and
memory_write_continue (WMC) DCS commands
–
LTDC interface color coding mappings into 16, 18 and 24-bit interface
•
Video mode pattern generator
•
Up to 4 × data lanes, up to 2.5 Gbps each
•
Up to QXGA (2048 × 1536) @60 fps
3.38
LVDS display interface (LVDS)
Note:
Features may be limited or absent in some devices or packages (see Section 2 for details).
The LVDS supports the following high-level features:
•
FPD-Link-I and OpenLDI (v0.95) protocols
•
Single-link or dual-link operation
•
Single-display or double-display (with the same content duplicated on both)
•
Flexible bit-mapping, including JEIDA and VESA
•
RGB888 or RGB666 output
•
Up to 2 links of 4 data lanes, up to 1.1 Gbit/s per lane
–
FPD bitrate: 784 Mbit/s per lane (112 Mpixel/s per link, 224 Mpixel/s if dual Link)
–
OpenLDI bitrate: 1100 Mbit/s per lane (157 Mpixel/s per link, 314 Mpixel/s if dual link)
•
Up to QXGA (2048 × 1536) @60 fps with dual link
•
Up to WSXGA+ (1680 × 1050) @60 fps with single FPD link (1080p60 supported with OpenLDI)
3.39
Video encoder (VENC)
Note:
Features may be limited or absent in some devices or packages (see Section 2 for details).
STM32MP251A/D STM32MP253A/D STM32MP255A/D STM32MP257A/D
Functional overview
DS14285 - Rev 2
page 34/234



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com