Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

STM32MP253D Datasheet(PDF) 43 Page - STMicroelectronics

Part # STM32MP253D
Description  Arm® based dual Cortex®-A35 1.5 GHz Cortex®-M33 MPU, AI, 3D GPU, video encoder/decoder, TFT/DSI/LVDS, USB 3.0, PCIe®
PDF  234 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32MP253D Datasheet(HTML) 43 Page - STMicroelectronics

Back Button STM32MP253D Datasheet HTML 39Page - STMicroelectronics STM32MP253D Datasheet HTML 40Page - STMicroelectronics STM32MP253D Datasheet HTML 41Page - STMicroelectronics STM32MP253D Datasheet HTML 42Page - STMicroelectronics STM32MP253D Datasheet HTML 43Page - STMicroelectronics STM32MP253D Datasheet HTML 44Page - STMicroelectronics STM32MP253D Datasheet HTML 45Page - STMicroelectronics STM32MP253D Datasheet HTML 46Page - STMicroelectronics STM32MP253D Datasheet HTML 47Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 43 / 234 page
background image
3.54
Serial audio interfaces (SAI1/2/3/4)
The devices embed four SAIs that are used to design many stereo or mono audio protocols such as I2S, LSB or
MSB-justified, PCM/DSP, TDM, or AC’97. An SPDIF output is available when the audio block is configured as a
transmitter. To bring this level of flexibility and reconfigurability, the SAI contains two independent audio
subblocks. Each block has it own clock generator and I/O line controller.
Audio sampling frequencies up to 192 kHz are supported.
Up to eight microphones can be supported thanks to an embedded PDM interface.
The SAI can work in master or slave configuration. The audio subblocks can be either receiver or transmitter, and
can work synchronously or asynchronously (with respect to the other one). The SAI can be connected with other
SAIs to work synchronously.
3.55
SPDIF receiver interface (SPDIFRX)
The SPDIFRX is designed to receive an S/PDIF flow compliant with IEC-60958 and IEC61937. These standards
support simple stereo streams up to high sample rate, and compressed multi-channel surround sound, such as
those defined by Dolby® or DTS® (up to 5.1).
•
Up to 4 inputs available
•
Automatic symbol rate detection
•
Maximum symbol rate: 12.288 MHz
•
Stereo stream from 32 to 192 kHz supported
•
Supports audio IEC-60958 and IEC-61937, consumer applications
•
Parity bit management
•
Communication using DMA for audio samples
•
Communication using DMA for control and user channel information
•
Interrupt capabilities
The SPDIFRX receiver provides all necessary features to detect the symbol rate, and to decode the incoming
data stream. The user can select the wanted SPDIF input, and when a valid signal is available, the SPDIFRX
re
‑samples the incoming signal, decodes the Manchester stream, and recognizes frames, sub-frames, and blocks
elements. It delivers to the CPU decoded data, and associated status flags.
The SPDIFRX also offers a signal named spdif_frame_sync, which toggles at the S/PDIF sub-frame rate: this
signal is used to compute the exact sample rate for clock drift algorithms.
3.56
Secure digital input/output MultiMediaCard interface (SDMMC1/2/3)
Three SDMMCs provide an interface between the AHB bus and SD memory cards, SDIO and e.MMC devices.
SDMMC features include the following:
•
Full compliance with MultiMediaCard System Specification Version 5.1
Card support for three different databus modes: 1-bit (default), 4-bit and 8-bit (HS200 speed limited by maximum
allowed I/O speed, HS400 is not supported).
•
Full compatibility with previous versions of MultiMediaCards (backward compatibility)
•
Full compliance with SD memory card specifications version 6.0 (SDR104 SDMMC_CK speed limited to
maximum allowed I/O speed, SPI and UHS-II modes not supported)
•
Full compliance with SDIO card specification version 4.0
Card support for two different databus modes: 1-bit (default) and 4-bit (SDR104 SDMMC_CK speed limited to
maximum allowed I/O speed, SPI and UHS-II modes not supported)
•
Data transfer up to 208 Mbyte/s for the 8-bit mode (depending on the maximum allowed I/O speed)
•
Data and command output enable signals to control external bidirectional drivers
•
The SDMMC host interface embeds a dedicated DMA controller that allows high-speed transfers between
the interface and the SRAM.
•
IDMA linked list support
Each SDMMC is coupled with a delay block (DLYBSD) that supports an external data frequency above 100 MHz.
3.57
Controller area network (FDCAN1/2/3)
Note:
Features may be limited or absent in some devices or packages (see Section 2 for details).
STM32MP251A/D STM32MP253A/D STM32MP255A/D STM32MP257A/D
Functional overview
DS14285 - Rev 2
page 43/234



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com