Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

STM32MP253D Datasheet(PDF) 42 Page - STMicroelectronics

Part # STM32MP253D
Description  Arm® based dual Cortex®-A35 1.5 GHz Cortex®-M33 MPU, AI, 3D GPU, video encoder/decoder, TFT/DSI/LVDS, USB 3.0, PCIe®
PDF  234 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32MP253D Datasheet(HTML) 42 Page - STMicroelectronics

Back Button STM32MP253D Datasheet HTML 38Page - STMicroelectronics STM32MP253D Datasheet HTML 39Page - STMicroelectronics STM32MP253D Datasheet HTML 40Page - STMicroelectronics STM32MP253D Datasheet HTML 41Page - STMicroelectronics STM32MP253D Datasheet HTML 42Page - STMicroelectronics STM32MP253D Datasheet HTML 43Page - STMicroelectronics STM32MP253D Datasheet HTML 44Page - STMicroelectronics STM32MP253D Datasheet HTML 45Page - STMicroelectronics STM32MP253D Datasheet HTML 46Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 42 / 234 page
background image
Table 8. USART/UART features
Modes/features(1)
USART1/2/3/6
UART4/5/7/8/9
Hardware flow control for modem
X
X
Continuous communication using DMA
X
X
Multiprocessor communication
X
X
Synchronous SPI mode (master/slave)
X
-
Smartcard mode
X
-
Single-wire half-duplex communication
X
X
IrDA SIR ENDEC block
X
X
LIN mode
X
X
Dual clock domain and wakeup from low power mode
X
X
Receiver timeout interrupt
X
X
Modbus communication
X
X
Auto-baudrate detection
X
X
Driver enable
X
X
Data length
7, 8, and 9 bits
1. X = supported.
3.52
Low-power universal asynchronous receiver transmitter (LPUART1)
The devices embed one LPUART that supports asynchronous serial communication with minimum power
consumption. The LPUART supports half-duplex single-wire communication and modem operations (CTS/RTS). It
allows multiprocessor communication.
The LPUART embeds a transmit FIFO (TXFIFO) and a receive FIFO (RXFIFO). The FIFO mode is enabled by
software, and is disabled by default.
The LPUART has a clock domain independent from the CPU clock, and can wake up the system from Stop mode.
The wake-up from Stop mode is programmable, and can be done on one of the following:
•
a start bit detection
•
any received data frame
•
a specific programmed data frame
•
specific TXFIFO/RXFIFO status when FIFO mode is enabled
Even in Stop mode, the LPUART can wait for an incoming frame while having an extremely low-energy
consumption.
The LPUART interface can be served by the LPDMA controller.
3.53
Serial peripheral interface (SPI1/2/3/4/5/6/7/8) inter-integrated sound interfaces
(I2S1/2/3)
The devices feature up to eight SPIs that allow communication at up to 50 Mbit/s in master and slave modes, in
half-duplex, full-duplex, and simplex modes. The 3-bit prescaler gives eight master mode frequencies, and the
frame is configurable from 4 to 16 bits.
All SPI interfaces support NSS pulse mode, TI mode, hardware CRC calculation, and eight 8-bit embedded Rx
and Tx FIFOs with DMA capability.
The standard I2S interfaces (multiplexed with SPI1, SPI2 and SPI3) can be operated in master or slave mode, in
full-duplex and half-duplex communication modes. They can be configured to operate with a 16-/32-bit resolution
as an input or output channel.
Audio sampling frequencies from 8 kHz up to 192 kHz are supported. When either or both I2S interfaces is/are
configured in master mode, the master clock can be output to the external DAC/CODEC at 256 times the
sampling frequency. All I2S interfaces support 16x 8bit embedded Rx and Tx FIFOs with DMA capability.
STM32MP251A/D STM32MP253A/D STM32MP255A/D STM32MP257A/D
Functional overview
DS14285 - Rev 2
page 42/234



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com