Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

STM32MP253D Datasheet(PDF) 44 Page - STMicroelectronics

Part # STM32MP253D
Description  Arm® based dual Cortex®-A35 1.5 GHz Cortex®-M33 MPU, AI, 3D GPU, video encoder/decoder, TFT/DSI/LVDS, USB 3.0, PCIe®
PDF  234 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32MP253D Datasheet(HTML) 44 Page - STMicroelectronics

Back Button STM32MP253D Datasheet HTML 40Page - STMicroelectronics STM32MP253D Datasheet HTML 41Page - STMicroelectronics STM32MP253D Datasheet HTML 42Page - STMicroelectronics STM32MP253D Datasheet HTML 43Page - STMicroelectronics STM32MP253D Datasheet HTML 44Page - STMicroelectronics STM32MP253D Datasheet HTML 45Page - STMicroelectronics STM32MP253D Datasheet HTML 46Page - STMicroelectronics STM32MP253D Datasheet HTML 47Page - STMicroelectronics STM32MP253D Datasheet HTML 48Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 44 / 234 page
background image
The CAN subsystem consists of three FDCANs, a shared message RAM, and a clock calibration unit.
All FDCANs are compliant with ISO 11898-1 (CAN protocol specification version 2.0 part A, B), and CAN FD
protocol specification version 1.0.
FDCAN1 supports time triggered CAN (TTCAN) specified in ISO 11898-4, including event synchronized time-
triggered communication, global system time, and clock drift compensation. The FDCAN1 contains additional
registers, specific to the time triggered feature. The CAN FD option can be used together with event-triggered and
time-triggered CAN communication.
A 10 Kbyte message RAM implements filters, receives FIFOs, receives buffers, transmits event FIFOs, transmits
buffers (and triggers for TTCAN). This message RAM is shared between all FDCANs.
The common clock calibration unit is optional. It can be used to generate a calibrated clock for FDCANs from the
HSI internal RC oscillator and the PLL, by evaluating CAN messages received by the FDCAN1.
3.58
Universal serial bus Hi-Speed host (USBH)
The devices embed one USB Hi-Speed host (up to 480 Mbit/s) with one physical port. USBH supports both low,
full-speed (OHCI) as well as Hi-Speed (EHCI) operations. It integrates a physical interface (PHY) which can be
used for either low-speed (1.2 Mbit/s), full-speed (12 Mbit/s) ,or Hi-Speed operation (480 Mbit/s).
The USBH is compliant with the USB 2.0 specification.
3.59
USB Type-C Power Delivery controller (UCPD1)
The devices embed one controller compliant with USB Type-C Rev.1.2 and USB Power Delivery Rev. 3.1
specifications.
The UCPD use specific I/Os supporting the USB Type-C and USB Power Delivery requirements, featuring:
•
USB Type-C pull-up (Rp, all values) and pull-down (Rd) resistors
•
USB Power Delivery message transmission and reception
The digital controller handles notably:
•
USB Type-C level detection with de-bounce, generating interrupts
•
byte-level interface for USB Power Delivery payload, generating interrupts (DMA compatible)
•
USB Power Delivery timing dividers (including a clock pre-scaler)
•
CRC generation/checking
•
4b5b encode/decode
•
ordered sets (with a programmable ordered set mask at receive)
•
frequency recovery in receiver during preamble
The interface offers low-power operation compatible with Stop mode, maintaining the capacity to detect incoming
USB Power Delivery messages.
3.60
Universal serial bus 3.0 dual role data (USB3DR)
•
5 Gbit/s PHY (COMBOPHY)
•
xHCI model.
•
Dual Role Data. The USB3DR can be configured statically as a Host or Device port.
•
OTG is not supported:
–
Dynamic switch from Host (resp. Device) to Device (resp. Host) role is not supported.
–
Host Negotiation Protocol (HNP), Role Swap Protocol (RSP), Session Request Protocol (SRP),
Attach Detection Protocol (ADP) are not supported.
•
USB3 SuperSpeed mode (5 Gbit/s), as well as USB2 Low-Speed/Full-Speed/Hi-Speed modes (when Host)
or USB2 Full-Speed/Hi-Speed modes (when Device).
•
Descriptor caching and data pre-fetching to meet system performance.
•
Variable FIFO buffer allocation for each endpoint.
•
Simultaneously 4 Gbps IN and 4 Gbps OUT bandwidth
•
DMA engine
•
Supports Battery Charging v1.2, with the exception of the Accessory Charger Adapter mode
The standards supported are:
•
Universal Serial Bus 3.0 Specification, Revision 1.0, November 12, 2008
STM32MP251A/D STM32MP253A/D STM32MP255A/D STM32MP257A/D
Functional overview
DS14285 - Rev 2
page 44/234



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com