Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

STM32MP253D Datasheet(PDF) 90 Page - STMicroelectronics

Part # STM32MP253D
Description  Arm® based dual Cortex®-A35 1.5 GHz Cortex®-M33 MPU, AI, 3D GPU, video encoder/decoder, TFT/DSI/LVDS, USB 3.0, PCIe®
PDF  234 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32MP253D Datasheet(HTML) 90 Page - STMicroelectronics

Back Button STM32MP253D Datasheet HTML 86Page - STMicroelectronics STM32MP253D Datasheet HTML 87Page - STMicroelectronics STM32MP253D Datasheet HTML 88Page - STMicroelectronics STM32MP253D Datasheet HTML 89Page - STMicroelectronics STM32MP253D Datasheet HTML 90Page - STMicroelectronics STM32MP253D Datasheet HTML 91Page - STMicroelectronics STM32MP253D Datasheet HTML 92Page - STMicroelectronics STM32MP253D Datasheet HTML 93Page - STMicroelectronics STM32MP253D Datasheet HTML 94Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 90 / 234 page
background image
Port
AF8
AF9
AF10
AF11
AF12
AF13
AF14
AF15
ETH1 / I2C2/4/5/8 /
I3C1 /
TIM1/2/3/4/5/8/10/1
1/12/16/20 /
UART7 / USART2
DCMI / PSSI /
DCMIPP / DSI /
ETH1/2 / FDCAN3 /
I2C1/2/3/4/5/6/7/8 /
LPTIM5 /
SDMMC1/2 /
TIM4/5/10/12/14 /
USBH_HS
ETH1/2 / FMC / I2C1/3/5/7 / I3C1/2 / LCD /
LPTIM3/4 / OCTOSPIM_P1/2 / SDMMC1/3 /
TIM14
ETH1/2 / FMC / I2C3/5 /
I3C4 / LCD /
OCTOSPIM_P1/2 /
SDMMC1 / USB3DR
DSI / ETH1/2 / FMC / I2C4 / LCD /
OCTOSPIM_P2 / SDMMC1/2/3 / USBH_HS
DCMI / PSSI / DCMIPP / DSI /
ETH1/2/3 / I3C2 / LCD /
OCTOSPIM_P1 / SDMMC2
DCMI / PSSI / DCMIPP /
ETH3 / FMC / LCD / SDMMC3
SYS
PC1
1
TIM5_ETR
-
ETH2_MII_RXD3/ETH2_RGMII_RXD3
-
FMC_NBL1
LCD_R2
DCMI_D10/PSSI_D10/
DCMIPP_D10
EVEN
TOUT
PC1
2
TIM8_CH3
I2C3_SCL
ETH2_MII_RXD1/ETH2_RGMII_RXD1/
ETH2_RMII_RXD1
ETH1_MII_RXD3
-
LCD_G1
DCMI_D5/PSSI_D5/
DCMIPP_D5
EVEN
TOUT
PC1
3
-
-
-
-
-
-
-
EVEN
TOUT
PD0
-
SDVSEL1
OCTOSPIM_P1_CLK
-
-
DCMI_PIXCLK/PSSI_PDCK/
DCMIPP_PIXCLK
-
EVEN
TOUT
PD1
TIM1_BKIN
FDCAN3_RX
OCTOSPIM_P1_NCLK
OCTOSPIM_P1_NCS2
OCTOSPIM_P2_NCS2
DCMI_HSYNC/PSSI_DE/
DCMIPP_HSYNC
-
EVEN
TOUT
PD2
TIM1_ETR
FDCAN3_TX
OCTOSPIM_P1_DQS
OCTOSPIM_P1_NCS2
-
DCMI_VSYNC/PSSI_RDY/
DCMIPP_VSYNC
-
EVEN
TOUT
PD3
TIM1_BKIN2
SDVSEL2
OCTOSPIM_P1_NCS1
-
-
PSSI_D15/DCMIPP_D15
-
EVEN
TOUT
PD4
TIM1_CH4N
TIM4_CH1
OCTOSPIM_P1_IO0
-
-
PSSI_D14/DCMIPP_D14
-
EVEN
TOUT
PD5
TIM1_CH3N
TIM4_CH2
OCTOSPIM_P1_IO1
-
-
DCMI_D13/PSSI_D13/
DCMIPP_D13
-
EVEN
TOUT
PD6
TIM1_CH2N
TIM4_CH3
OCTOSPIM_P1_IO2
-
-
DCMI_D12/PSSI_D12/
DCMIPP_D12
-
EVEN
TOUT
PD7
TIM1_CH1N
TIM4_CH4
OCTOSPIM_P1_IO3
-
-
DCMI_D11/PSSI_D11/
DCMIPP_D11
-
EVEN
TOUT
PD8
TIM1_CH4
TIM4_ETR
OCTOSPIM_P1_IO4
SDMMC1_D7
SDMMC1_D123DIR
DCMI_D10/PSSI_D10/
DCMIPP_D10
-
EVEN
TOUT
PD9
TIM1_CH3
-
OCTOSPIM_P1_IO5
SDMMC1_D6
SDMMC1_D0DIR
DCMI_D9/PSSI_D9/
DCMIPP_D9
-
EVEN
TOUT
PD1
0
TIM1_CH2
TIM14_CH1
OCTOSPIM_P1_IO6
SDMMC1_D5
SDMMC1_CDIR
DCMI_D8/PSSI_D8/
DCMIPP_D8
-
EVEN
TOUT
PD1
1
TIM1_CH1
SDVSEL1
OCTOSPIM_P1_IO7
SDMMC1_D4
SDMMC1_CKIN
DCMI_D7/PSSI_D7/
DCMIPP_D7
-
EVEN
TOUT
PD1
2
-
TIM4_ETR
SDMMC3_CMD
FMC_AD6/FMC_D6
FMC_AD1/FMC_D1
-
-
EVEN
TOUT
PD1
3
-
TIM4_CH4
SDMMC3_D1
FMC_AD11/FMC_D11
FMC_NWE
-
-
EVEN
TOUT
PD1
4
TIM11_CH1
-
I2C7_SDA
FMC_AD4/FMC_D4
SDMMC3_D3
DCMI_D1/PSSI_D1/
DCMIPP_D1
-
EVEN
TOUT
PD1
5
TIM1_BKIN2
TIM5_ETR
I2C7_SCL
FMC_AD3/FMC_D3
SDMMC3_CKIN
DCMI_D0/PSSI_D0/
DCMIPP_D0
-
EVEN
TOUT
PE0
-
-
SDMMC1_D2
-
-
-
-
EVEN
TOUT
PE1
-
-
SDMMC1_D3
-
-
-
-
EVEN
TOUT
PE2
TIM10_CH1
-
SDMMC1_CMD
-
-
-
-
EVEN
TOUT



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com