Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

STM32MP253D Datasheet(PDF) 25 Page - STMicroelectronics

Part # STM32MP253D
Description  Arm® based dual Cortex®-A35 1.5 GHz Cortex®-M33 MPU, AI, 3D GPU, video encoder/decoder, TFT/DSI/LVDS, USB 3.0, PCIe®
PDF  234 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32MP253D Datasheet(HTML) 25 Page - STMicroelectronics

Back Button STM32MP253D Datasheet HTML 21Page - STMicroelectronics STM32MP253D Datasheet HTML 22Page - STMicroelectronics STM32MP253D Datasheet HTML 23Page - STMicroelectronics STM32MP253D Datasheet HTML 24Page - STMicroelectronics STM32MP253D Datasheet HTML 25Page - STMicroelectronics STM32MP253D Datasheet HTML 26Page - STMicroelectronics STM32MP253D Datasheet HTML 27Page - STMicroelectronics STM32MP253D Datasheet HTML 28Page - STMicroelectronics STM32MP253D Datasheet HTML 29Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 234 page
background image
Figure 2. AXI STNoC multi-frequency network
STNoC multi-frequency network
600
MHz
600 MHz
400 MHz
300 MHz
200 MHz
400
MHz
200
MHz
DDRCTRL
MPU AHB / APB
peripherals
From MCU 200 MHz
MLAHB (conf)
To MCU 400 MHz
MLAHB (mem)
SYSRAM
PCIE (out)
STM
To MCU 200MHz MLAHB
(conf)
VDERAM
or SYSRAM extension
ETHSW
From MCU 200 MHz
MLAHB (conf)
FMC
AXI 64
AXI 64
AXI 128
AXI 128
Async
Async
AXI 64
AXI 64
AXI 64
AHB 32
AHB 32
AHB 32
AHB 32
AXI 64
AXI 64
AXI 64
AXI 64
AHB 32
AXI 64
AHB 32
AHB 32
AXI 64
AXI 64
AXI 64
M8
M14
M2
M3
M0
M10
M15
M16
M17
M18
M19
M20
M21
M22
M4
M5
M6
Mxx
M9
M11
M12
M13
Sxx
Sxx
Sxx
Sxx
Sxx
Sxx
Sxx
Sxx
Sxx
Sxx
Sxx
Absent on some devices
Valid traffic path
Secure traffic access path
Non-secure traffic access path
Figure 3. MCU multi-Layer AHB 400 MHz
MCU MLAHB 400MHz
SRAM1
Sxx
SRAM2
Sxx
Sxx
RETRAM
Sxx
OCTOSPI1/2
memory access
Sxx
to MPU matrix
Sxx
Sxx
Cortex-M33
ICACHE
S-Bus
To MCU 200 MHz
MLAHB
OCTOSPI1/2
registers
Fast
Slow
Mxx
Mxx
Mxx
Mxx
Mxx
Mxx
Mxx
Mxx
STM32MP251A/D STM32MP253A/D STM32MP255A/D STM32MP257A/D
Functional overview
DS14285 - Rev 2
page 25/234



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com