Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

STM32MP253D Datasheet(PDF) 108 Page - STMicroelectronics

Part # STM32MP253D
Description  Arm® based dual Cortex®-A35 1.5 GHz Cortex®-M33 MPU, AI, 3D GPU, video encoder/decoder, TFT/DSI/LVDS, USB 3.0, PCIe®
PDF  234 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32MP253D Datasheet(HTML) 108 Page - STMicroelectronics

Back Button STM32MP253D Datasheet HTML 104Page - STMicroelectronics STM32MP253D Datasheet HTML 105Page - STMicroelectronics STM32MP253D Datasheet HTML 106Page - STMicroelectronics STM32MP253D Datasheet HTML 107Page - STMicroelectronics STM32MP253D Datasheet HTML 108Page - STMicroelectronics STM32MP253D Datasheet HTML 109Page - STMicroelectronics STM32MP253D Datasheet HTML 110Page - STMicroelectronics STM32MP253D Datasheet HTML 111Page - STMicroelectronics STM32MP253D Datasheet HTML 112Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 108 / 234 page
background image
Symbol
Parameter
Conditions
Typ
Max
Unit
-
D1 (CPU1)(1)
mode
D2
(CPU2)
mode
D3
(CPU3)
mode
Osc.
CPU1
clk
(MHz)
AXI
clk
(MHz)
(2)
CPU2
clk
(MHz)
CPU3
clk
(MHz)
GPU
clk
(MHz)
TJ =
25 °C
TJ =
25 °C
TJ =
85 °C
TJ =
105 °C
TJ =
125 °C
IDDCORE(7)
Supply
current in Run
mode
All
peripherals
Enabled(4)
DRun
(CRun:
P0&P1)
Run1
(Cstop)
SRun1
(CStop)
HSE +
HSI +
PLL
600
mA
600
-
-
800
170
240
500
680
1100
IDDCORE(8)
Supply
current in Run
mode
All
peripherals
Enabled(4)
DRun
(CRun:
P0&P1)
Run1
(Cstop)
SRun1
(CStop)
HSE +
HSI +
PLL
1500(5)
600
-
-
-
170
240
510
680
1100
mA
1200
600
-
-
-
170
240
500
680
1100
750
600
-
-
-
170
240
500
680
1100
600
600
-
-
-
170
240
500
680
1100
IDDCORE(9)
Supply
current in Run
mode
All
peripherals
Enabled(4)
DRun
(CRun: P0)
Run1
(Cstop)
SRun1
(CStop)
HSE +
HSI +
PLL
1500(5)
600
-
-
-
160
230
490
670
1000
mA
1200
600
-
-
-
160
230
490
670
1000
750
600
-
-
-
160
230
490
670
1000
600
600
-
-
-
160
230
490
670
1000
IDDCORE(10)
Supply
current in Run
mode
All
peripherals
Disabled
DRun
(CRun:
P0&P1)
Run1
(CRun)
SRun1
(CRun)
HSE +
HSI +
PLL
1500(5)
600
400
200
900(6)
97
160
420
600
940
mA
1200
600
400
200
800
97
160
420
600
940
750
600
400
200
800
96.5
160
420
600
940
600
600
400
200
800
96.5
160
420
600
930
IDDCORE(11)
Supply
current in Run
mode
All
peripherals
Disabled
DRun
(CRun:
P0&P1)
Run1
(CRun)
SRun1
(CRun)
HSE +
HSI +
PLL
1500(5)
600
400
200
-
97
160
420
600
930
mA
1200
600
400
200
-
97
160
420
600
930
750
600
400
200
-
96.5
160
420
600
930
600
600
400
200
-
96.5
160
420
600
930
IDDCORE
Supply
current in Run
mode
All
peripherals
Disabled
DRun
(CRun: P0)
Run1
(CRun)
SRun1
(CRun)
HSE +
HSI +
PLL
1500(5)
600
400
200
-
97
160
420
600
930
mA
1200
600
400
200
-
97
160
420
600
930
750
600
400
200
-
96.5
160
420
600
930
600
600
400
200
-
96.5
160
420
600
930
IDDCORE(11)
Supply
current in Run
mode
All
peripherals
Disabled
DRun
(CRun:
P0&P1)
Run1
(Cstop)
SRun1
(CStop)
HSE +
HSI +
PLL
1500(5)
600
-
-
-
49.5
100
370
540
870
mA
1200
600
-
-
-
49
100
370
540
870
750
600
-
-
-
49
100
360
540
870
600
600
-
-
-
48.5
100
360
540
870
300
300
-
-
-
43.5
94
360
530
860



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com