Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

STM32MP253D Datasheet(PDF) 105 Page - STMicroelectronics

Part # STM32MP253D
Description  Arm® based dual Cortex®-A35 1.5 GHz Cortex®-M33 MPU, AI, 3D GPU, video encoder/decoder, TFT/DSI/LVDS, USB 3.0, PCIe®
PDF  234 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32MP253D Datasheet(HTML) 105 Page - STMicroelectronics

Back Button STM32MP253D Datasheet HTML 101Page - STMicroelectronics STM32MP253D Datasheet HTML 102Page - STMicroelectronics STM32MP253D Datasheet HTML 103Page - STMicroelectronics STM32MP253D Datasheet HTML 104Page - STMicroelectronics STM32MP253D Datasheet HTML 105Page - STMicroelectronics STM32MP253D Datasheet HTML 106Page - STMicroelectronics STM32MP253D Datasheet HTML 107Page - STMicroelectronics STM32MP253D Datasheet HTML 108Page - STMicroelectronics STM32MP253D Datasheet HTML 109Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 105 / 234 page
background image
Table 20. Embedded reference voltage characteristics
Evaluated by characterization, not tested in production unless otherwise specified.
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
VREFINT(1)
Internal reference voltages
-40 °C < TJ < 125 °C
0.792
0.8
0.808
V
tS_VREFINT(2)
ADC sampling time when reading the
internal reference voltage
-
34
-
-
ns
DVREFINT
Internal reference voltage spread over
the temperature range
-40 °C < TJ < 125 °C
-4
-
+4
mV
Tcoeff
Average temperature coefficient
-40 °C < TJ < 125 °C
-
-
43
ppm/°C
VDDcoeff
Average voltage coefficient
1.71 < VDDA18AON < 1.89
-
-
1250
ppm/V
1. Guaranteed by test in production.
2. Specified by design, not tested in production.
Table 21. Embedded reference voltage calibration value
Symbol
Parameter
Memory address
VREFINT_CAL
Raw data acquired on ADC1 at temperature of 30 °C,
VDDA18ADC = VREF+ = 1.8 V
0x4400 01B8[11:0](1)(2)
1. This is BSEC_FVR110 register which is not automatically shadowed with OTP content, so a fuse read sequence must be
issued to get the register updated once (clear after reading). Refer to product reference manual - BSEC section "Operations
on fuses".
2. Must be read in 32
‑bit words and relevant masking and shifting must be performed to isolate the required bits.
6.3.5
Supply current characteristics
The current consumption is a function of several parameters and factors such as the operating voltage, ambient
temperature, I/O pin loading, device software configuration, operating frequencies, I/O pin switching rate, program
location in memory and executed binary code.
The current consumption is measured as described in Figure 12. Current consumption measurement scheme.
All the Run mode current consumption measurements given in this section are performed with a CoreMark code
unless otherwise specified.
Supply current characteristics are evaluated by characterization, not tested in production unless otherwise
specified.
6.3.5.1
Typical and maximum current consumption
The device is placed under the following conditions:
•
All I/O pins are in analog input mode except when explicitly mentioned
•
All peripherals are disabled except when explicitly mentioned
•
RTC/LSE are disabled, unless otherwise specified
•
BKPSRAM, RETRAM, LPSRAM1 backup supplies in low-power modes (such as LPLV-Stop, Standby and
VBAT modes) are disabled, unless otherwise specified
STM32MP251A/D STM32MP253A/D STM32MP255A/D STM32MP257A/D
Electrical characteristics
DS14285 - Rev 2
page 105/234



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com