Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

STM32MP253D Datasheet(PDF) 103 Page - STMicroelectronics

Part # STM32MP253D
Description  Arm® based dual Cortex®-A35 1.5 GHz Cortex®-M33 MPU, AI, 3D GPU, video encoder/decoder, TFT/DSI/LVDS, USB 3.0, PCIe®
PDF  234 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32MP253D Datasheet(HTML) 103 Page - STMicroelectronics

Back Button STM32MP253D Datasheet HTML 99Page - STMicroelectronics STM32MP253D Datasheet HTML 100Page - STMicroelectronics STM32MP253D Datasheet HTML 101Page - STMicroelectronics STM32MP253D Datasheet HTML 102Page - STMicroelectronics STM32MP253D Datasheet HTML 103Page - STMicroelectronics STM32MP253D Datasheet HTML 104Page - STMicroelectronics STM32MP253D Datasheet HTML 105Page - STMicroelectronics STM32MP253D Datasheet HTML 106Page - STMicroelectronics STM32MP253D Datasheet HTML 107Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 103 / 234 page
background image
4. Static condition. 1.98 V allowed during transients.
5. Requires VDDIOVRSEL = 0.
6. These supplies are independent, that means each one could be in any of the following voltage ranges: 0 V (OFF), 1.8 V, 3 V
or 3.3 V.
7. Requires VDDIOxVRSEL = 0
8. All these supplies are usually connected together.
9. This is the max allowed voltage, however LPLV-Stop mode is relevant only to save power, so requires voltage as low as
possible (that is external regulator set for typical value, then the maximum voltage is few percent above the typical due to
regulator accuracy).
10. The VDDA18PLLx must be connected together.
11. Could be connected to other VDDA18xx supplies if min/max range fullfilled.
12. Except when connected to VDD where lower limit is then 1.71 V.
13. This pin is used only to connect a decoupling capacitor for internal backup regulator, this pin must never be used externally
for other purposes.
14. VDDxx stands for VDD, VDDIO1, VDDIO2, VDDIO3 or VDDIO4.
6.3.2
Operating conditions at power-up / power-down
Subject to general operating conditions.
Table 18. Operating conditions at power-up / power-down
VDDA18AON and VDD must be present before other supplies.
Symbol
Parameter
Operating
conditions
Min
Max
Unit
tVDDA18AON(1)
VDDA18AON transitions
Rise time rate
20
1500
µs/V
Fall time rate
20
1500
tVDD(1)
VDD/VDDIOx transitions
Rise time rate
20
1500
Fall time rate
20
1500
tVDDCORE
VDDCORE transitions
Rise time rate
20
1500
Fall time rate
25
1500
tVDDCPU, tVDDGPU,
tVDDCSI, tVDDSI,
tVDDLVDS,
tVDDCOMBOPHY,
tVDDCOMBOPHYTX,
tVDDPCIECLK
VDDCPU, VDDGPU, VDDCSI, VDDDSI, VDDLVDS, VDDCOMBOPHY,
VDDCOMBOPHYTX, VDDPCIECLK transitions
Rise time rate
10
1500
Fall time rate
10
1500
tVDDA18
VDDA18PLL1, VDDA18PLL2, VDDA18PLL3, VDDA18DSI, VDDA18CSI,
VDDA18LVDS, VDDA18COMBOPHY, VDDA18DDR, VDDA18USB,
VDDA18ADC transitions
Rise time rate
10
1500
Fall time rate
10
1500
tVDD33
VDD33USB, VDD33UCPD transitions
Rise time rate
10
1500
Fall time rate
10
1500
tVDDQDDR
VDDQDDR transitions
Rise time rate
10
1500
Fall time rate
10
1500
tVBAT
VBAT transitions
Rise time rate
20
∞
Fall time rate
10
1500
1. VDDA18AON and VDD must be present before any other supply.
6.3.3
Embedded reset and power control block characteristics
The parameters given in Table 19 are derived from tests performed under ambient
temperature and supply voltage conditions summarized in Table 17. General operating conditions.
STM32MP251A/D STM32MP253A/D STM32MP255A/D STM32MP257A/D
Electrical characteristics
DS14285 - Rev 2
page 103/234



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com