Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

STM32MP253D Datasheet(PDF) 101 Page - STMicroelectronics

Part # STM32MP253D
Description  Arm® based dual Cortex®-A35 1.5 GHz Cortex®-M33 MPU, AI, 3D GPU, video encoder/decoder, TFT/DSI/LVDS, USB 3.0, PCIe®
PDF  234 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32MP253D Datasheet(HTML) 101 Page - STMicroelectronics

Back Button STM32MP253D Datasheet HTML 97Page - STMicroelectronics STM32MP253D Datasheet HTML 98Page - STMicroelectronics STM32MP253D Datasheet HTML 99Page - STMicroelectronics STM32MP253D Datasheet HTML 100Page - STMicroelectronics STM32MP253D Datasheet HTML 101Page - STMicroelectronics STM32MP253D Datasheet HTML 102Page - STMicroelectronics STM32MP253D Datasheet HTML 103Page - STMicroelectronics STM32MP253D Datasheet HTML 104Page - STMicroelectronics STM32MP253D Datasheet HTML 105Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 101 / 234 page
background image
6.3
Operating conditions
6.3.1
General operating conditions
Table 17. General operating conditions
Voltages in this table represent DC value at ball level.
Symbol
Parameter
Operating
conditions
Min
Typ
Max
Unit
Fcpu1
Clock frequency of Cortex-A35
0
-
1200
MHz
Fcpu1_overdrive(1)
Clock frequency of Cortex-A35 in
overdrive
STM32MP25xD only
0
-
1500
Fgpu(1)
Clock frequency of GPU/NPU
0
-
800
Fgpu_overdrive(1)
Clock frequency of GPU/NPU in
overdrive
STM32MP25xD only
0
-
900
Fddrctrl
Clock frequency of DDR memory(2)
DDR3L DLL ON
300
-
1066
DDR3L DLL OFF
0
-
125
DDR4 DLL ON
625
-
1200
DDR4 DLL OFF
20
-
125
LPDDR4
10
-
1200
Fck_icn_hs_mcu
Clock frequency of Cortex-M33, MCU MLAHB memory
0
-
400
Fck_icn_m_gpu(1)
Clock frequency of GPU/NPU bus
0
-
600
Fck_icn_ddr
Clock frequency of Cortex-A35 AXI buses, DDRCTRL AXI
buses
0
-
600
Fck_icn_hsl
Clock frequency of PCIE, USB3DR, USBH, ETH1, ETH2
buses
0
-
300
Fck_icn_ls_mcu
Clock frequency of MCU MLAHB,
Cortex-M0+, MCU and SmartRun
domain peripherals buses
In Run mode
0
-
200
Clock frequency of Cortex-M0+ and
SmartRun domain peripherals buses
In D3 autonomous
mode
0
-
16
Fck_icn_sdmmc
Clock frequency of MPU AHB5
0
-
200
Fck_icn_nic
Clock frequency of MPU GIC and BOOTROM
0
-
400
Fck_icn_vid(1)
Clock frequency of MPU VDEC and VENC bus
0
-
600
VDDA18AON(3)
Internal analog supply voltage
1.71
1.8
1.89(4)
V
VDD(3)
I/Os supply voltage
1.8 V range
1.71
1.8
1.89(4)
V
3.3 V range(5)
3
3.3
3.6
V
VDDIO1, VDDIO2,
VDDIO3, VDDIO4(6)
Specific I/Os supply voltage
1.8 V range
1.71
1.8
1.89(4)
V
3 V / 3.3 V range(7) .
2.7
3.3
3.6
V
VDDCORE,
VDDCSI, VDDDSI,
VDDLVDS,
VDDCOMBOPHY,
VDDCOMBOPHYTX,
VDDPCIECLK(8)
Main digital logic supply voltage
Run1/2 mode
0.79
0.82
0.842
V
Stop1/2, LP-Stop1/2
mode
0.79
0.82
0.842
V
LPLV-Stop1/2 mode
0.64
0.67
0.842(9)
V
Standby1/2 mode
0
0
0.48
V
STM32MP251A/D STM32MP253A/D STM32MP255A/D STM32MP257A/D
Electrical characteristics
DS14285 - Rev 2
page 101/234



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com