Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

STM32MP253D Datasheet(PDF) 116 Page - STMicroelectronics

Part # STM32MP253D
Description  Arm® based dual Cortex®-A35 1.5 GHz Cortex®-M33 MPU, AI, 3D GPU, video encoder/decoder, TFT/DSI/LVDS, USB 3.0, PCIe®
PDF  234 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32MP253D Datasheet(HTML) 116 Page - STMicroelectronics

Back Button STM32MP253D Datasheet HTML 112Page - STMicroelectronics STM32MP253D Datasheet HTML 113Page - STMicroelectronics STM32MP253D Datasheet HTML 114Page - STMicroelectronics STM32MP253D Datasheet HTML 115Page - STMicroelectronics STM32MP253D Datasheet HTML 116Page - STMicroelectronics STM32MP253D Datasheet HTML 117Page - STMicroelectronics STM32MP253D Datasheet HTML 118Page - STMicroelectronics STM32MP253D Datasheet HTML 119Page - STMicroelectronics STM32MP253D Datasheet HTML 120Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 116 / 234 page
background image
Table 24. Current consumption (IDDGPU) in Run modes
Evaluated by characterization, not tested in production unless otherwise specified.
Except otherwise noted, typical values given with VDDCORE = 0.82 V, VDDCPU = 0.8 V and V
DDGPU = 0.8 V, maximum values given with VDDCORE = 0.842 V, VDDCPU = 0.842 V and
VDDGPU = 0.839 V.
Not relevant for STM32MP251x and STM32MP253x.
Value are without GPU activity.
Symbol
Parameter
Conditions
Typ
Max
Unit
-
D1
(CPU1)(1)
mode
D2
(CPU2)
mode
D3
(CPU3)
mode
Osc.
CPU1
clk
(MHz)
AXI
clk
(MHz)
(2)
CPU2
clk
(MHz)
CPU3
clk
(MHz)
GPU
clk
(MHz)
TJ =
25 °C
TJ =
25 °C
TJ =
85 °C
TJ =
105 °C
TJ =
125 °C
IDDGPU(3)
Supply current
in Run mode
All
peripherals
Enabled(4)
DRun
(CRun:
P0&P1)
Run1
(CRun)
SRun1
(CRun)
HSE +
HSI +
PLL
1500(5)
600
400
200
900(6)
14
35
160
240
390
mA
1200
600
400
200
800
11.5
31
150
220
370
750
600
400
200
800
11.5
31
150
220
370
600
600
400
200
800
11.5
31
150
220
370
IDDGPU(7)
Supply current
in Run mode
All
peripherals
Enabled(4)
DRun
(CRun:
P0&P1)
Run1
(CRun)
SRun1
(CRun)
HSE +
HSI +
PLL
1500(5)
600
400
200
900(6)
14
35
160
240
390
mA
1200
600
400
200
800
11.5
31
150
220
370
750
600
400
200
800
11.5
31
150
220
370
600
600
400
200
800
11.5
31
150
220
370
IDDGPU
Supply current
in Run mode
All
peripherals
Disabled
DRun
(CRun:
P0&P1)
Run1
(CRun)
SRun1
(CRun)
HSE +
HSI +
PLL
1500(5)
600
400
200
900(6)
6.65
27
150
230
380
mA
1200
600
400
200
800
6.05
24
140
210
360
750
600
400
200
800
6.05
24
140
210
360
600
600
400
200
800
6
24
140
210
360
1. P0 and P1 are state of cores inside CPU1 when in CRun state. 'P0&P1' indicate that both cores are executing a test software. 'P0' indicate that only P0 is executing a test software
while other core is clock gated (either in WFI or WFE or not present in the device).
2. ck_icn_ddr.
3. Values for STM32MP257x.
4. Activity on peripherals and bus masters other than processors, could lead to additional power consumption above these values, largely dependent on the amount of initialized
peripherals and their activity.
5. Typical value given with VDDCPU = 0.91 V, maximum values given with VDDCPU = 0.935 V.
6. Typical value given with VDDGPU = 0.9 V, maximum values given with VDDGPU = 0.961 V.
7. Values for STM32MP255x.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com