Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

STM32MP253D Datasheet(PDF) 114 Page - STMicroelectronics

Part # STM32MP253D
Description  Arm® based dual Cortex®-A35 1.5 GHz Cortex®-M33 MPU, AI, 3D GPU, video encoder/decoder, TFT/DSI/LVDS, USB 3.0, PCIe®
PDF  234 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32MP253D Datasheet(HTML) 114 Page - STMicroelectronics

Back Button STM32MP253D Datasheet HTML 110Page - STMicroelectronics STM32MP253D Datasheet HTML 111Page - STMicroelectronics STM32MP253D Datasheet HTML 112Page - STMicroelectronics STM32MP253D Datasheet HTML 113Page - STMicroelectronics STM32MP253D Datasheet HTML 114Page - STMicroelectronics STM32MP253D Datasheet HTML 115Page - STMicroelectronics STM32MP253D Datasheet HTML 116Page - STMicroelectronics STM32MP253D Datasheet HTML 117Page - STMicroelectronics STM32MP253D Datasheet HTML 118Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 114 / 234 page
background image
Symbol
Parameter
Conditions
Typ
Max
Unit
-
D1 (CPU1)
(1)
mode
D2
(CPU2)
mode
D3
(CPU3)
mode
Osc.
CPU1
clk
(MHz)
AXI
clk
(MHz)
(2)
CPU2
clk
(MHz)
CPU3
clk
(MHz)
GPU
clk
(MHz)
TJ =
25 °C
TJ =
25 °C
TJ =
85 °C
TJ =
105 °C
TJ =
125 °C
IDDCPU(10)
Supply current
in Run mode
All
peripherals
Disabled
DRun
(CRun:
P0&P1)
Run1
(Cstop)
SRun1
(CStop)
HSE +
HSI
mA
HSE 40
HSE
40
-
-
-
7.45
16
77
130
210
IDDCPU
Supply current
in Run mode
All
peripherals
Disabled
DRun
(CRun: P0)
Run1
(Cstop)
SRun1
(CStop)
HSE +
HSI +
PLL
1500(5)
600
-
-
-
130
160
230
280
370
mA
1200
600
-
-
-
89.5
120
180
220
310
750
600
-
-
-
57
73
140
180
270
600
600
-
-
-
46
61
130
170
260
300
300
-
-
-
24
35
97
150
230
150
150
-
-
-
13
23
84
130
220
HSI
HSI 64 HSI 64
-
-
-
6.85
17
76
120
210
HSE +
HSI
HSE 40
HSE
40
-
-
-
5
14
74
120
210
IDDCPU
Supply current
in Run mode
All
peripherals
Disabled
DStop1
(CStop)
Run1
(CRun)
SRun1
(CStop)
HSE +
HSI +
PLL
-
HSI 64
400
-
-
2.25
10
71
120
200
mA
-
HSI 64
200
-
-
2.3
9.9
71
120
200
-
HSI 64
100
-
-
2.25
9.9
71
120
200
-
HSI 64 HSI 64
-
-
2.25
9.9
71
120
200
-
HSI 64
HSE
40
-
-
2.25
9.9
71
120
200
IDDCPU
Supply current
in Run mode
All
peripherals
Disabled
DRun
(CSleep)
Run1
(Cstop)
SRun1
(CStop)
HSE +
HSI +
PLL
1500(5)
600
-
-
-
19
29
93
140
230
mA
1200
600
-
-
-
13.5
23
84
130
220
750
600
-
-
-
9.15
18
79
130
210
600
600
-
-
-
7.75
17
77
130
210
300
300
-
-
-
5.05
14
74
120
210
150
150
-
-
-
3.65
12
72
120
210
HSI
HSI 64 HSI 64
-
-
-
2.85
11
71
120
200
HSE +
HSI
HSE 40
HSE
40
-
-
-
2.6
11
71
120
200
IDDCPU
Supply current
in Run mode
All
peripherals
Disabled
DRun(11)
(eCSleep)
Run1
(Cstop)
SRun1
(CStop)
HSE +
HSI +
PLL
1500(5)
600
-
-
-
3.35
12
76
130
210
mA
1200
600
-
-
-
2.85
11
72
120
200
750
600
-
-
-
2.85
11
72
120
200



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com