Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ADSP1802 Datasheet(PDF) 32 Page - Analog Devices

Part # ADSP1802
Description  SHARC Processor
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADSP1802 Datasheet(HTML) 32 Page - Analog Devices

Back Button ADSP1802 Datasheet HTML 26Page - Analog Devices ADSP1802 Datasheet HTML 27Page - Analog Devices ADSP1802 Datasheet HTML 28Page - Analog Devices ADSP1802 Datasheet HTML 29Page - Analog Devices ADSP1802 Datasheet HTML 30Page - Analog Devices ADSP1802 Datasheet HTML 31Page - Analog Devices ADSP1802 Datasheet HTML 32Page - Analog Devices ADSP1802 Datasheet HTML 33Page - Analog Devices ADSP1802 Datasheet HTML 34Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 32 / 34 page
background image
Data Sheet
ADSP1802
THEORY OF OPERATION
analog.com
Rev. D | 32 of 34
operations to occur while the core is simultaneously executing its
program instructions. DMA transfers can occur between the internal
memory, SPORTs, SPI ports, IDP, PDAP, or the UART port of the
ADSP1802. The DMA channel summary is shown in Table 44.
Programs can be downloaded to the ADSP1802 using DMA trans-
fers. Other DMA features include interrupt generation upon comple-
tion of DMA transfers and DMA chaining for automatic linked DMA
transfers.
Table 44. DMA Channels
Peripheral
DMA Channels
SPORTs
16
IDP/PDAP
8
SPI
2
UART
2
External Port
2
Accelerators
2
MTM
2
FFT Accelerator
The FFT accelerator implements a radix two complex/real input,
complex output FFT with no core intervention. The FFT accelerator
runs at the peripheral clock frequency.
FIR Accelerator
The FIR accelerator consists of a 1024 words coefficient memory,
a 1024 words deep delay line for the data, and four MAC units. A
controller manages the accelerator. The FIR accelerator runs at the
peripheral clock frequency.
IIR Accelerator
The IIR accelerator consists of a 1440 words coefficient memory
for storage of biquad coefficients, a data memory for storing the
intermediate data, and one MAC unit. A controller manages the ac-
celerator. The IIR accelerator runs at the peripheral clock frequency.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com