Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

STM32MP255CAL3 Datasheet(PDF) 160 Page - STMicroelectronics

Part # STM32MP255CAL3
Description  Arm® based dual Cortex®-A35 1.5 GHz Cortex®-M33 MPU, AI, 3D GPU, video encoder/decoder, TFT/DSI/LVDS, USB 3.0, PCIe®, crypto
PDF  241 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32MP255CAL3 Datasheet(HTML) 160 Page - STMicroelectronics

Back Button STM32MP255CAL3 Datasheet HTML 156Page - STMicroelectronics STM32MP255CAL3 Datasheet HTML 157Page - STMicroelectronics STM32MP255CAL3 Datasheet HTML 158Page - STMicroelectronics STM32MP255CAL3 Datasheet HTML 159Page - STMicroelectronics STM32MP255CAL3 Datasheet HTML 160Page - STMicroelectronics STM32MP255CAL3 Datasheet HTML 161Page - STMicroelectronics STM32MP255CAL3 Datasheet HTML 162Page - STMicroelectronics STM32MP255CAL3 Datasheet HTML 163Page - STMicroelectronics STM32MP255CAL3 Datasheet HTML 164Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 160 / 241 page
background image
Figure 24. Asynchronous multiplexed PSRAM/NOR read waveforms
NBL
Data
FMC_NBL[1:0]
FMC_AD[15:0]
tv(BL_NE)
th(Data_NE)
Address
FMC_A[25:16]
tv(A_NE)
FMC_NWE
tv(A_NE)
Address
FMC_NADV
tv(NADV_NE)
tw(NADV)
tsu(Data_NE)
th(AD_NADV)
FMC_NE
FMC_NOE
tw(NE)
tw(NOE)
tv(NOE_NE)
th(NE_NOE)
th(A_NOE)
th(BL_NOE)
tsu(Data_NOE)
th(Data_NOE)
FMC_NWAIT
tsu(NWAIT_NE)
th(NE_NWAIT)
Table 74. Asynchronous multiplexed PSRAM/NOR write timings
Evaluated by characterization, not tested in production unless otherwise specified.
Symbol
Parameter
Min
Typ
Max
Unit
tw(NE)
FMC_NE low time
4Tfmc_ker_ck - 1
-
4Tfmc_ker_ck + 1
ns
tv(NWE_NE)
FMC_NEx low to FMC_NWE low
Tfmc_ker_ck - 1
-
Tfmc_ker_ck + 0.5
tw(NWE)
FMC_NWE low time
2Tfmc_ker_ck - 0.5
-
2Tfmc_ker_ck + 0.5
th(NE_NWE)
FMC_NWE high to FMC_NE high hold time
Tfmc_ker_ck - 0.5
-
-
tv(A_NE)
FMC_NEx low to FMC_A valid
-
-
1.5
tv(NADV_NE)
FMC_NEx low to FMC_NADV low
0
-
0.5
tw(NADV)
FMC_NADV low time
Tfmc_ker_ck - 1
-
Tfmc_ker_ck + 1
th(AD_NADV)
FMC_AD(address) valid hold time after FMC_NADV high
Tfmc_ker_ck - 1
-
-
th(A_NWE)
Address hold time after FMC_NWE high
3Tfmc_ker_ck - 1
-
-
th(BL_NWE)
FMC_BL hold time after FMC_NWE high
3Tfmc_ker_ck + 1
-
-
tv(BL_NE)
FMC_NEx low to FMC_BL valid
-
-
0
tv(Data_NADV) FMC_NADV high to Data valid
-
-
Tfmc_ker_ck + 1
STM32MP251C/F STM32MP253C/F STM32MP255C/F STM32MP257C/F
Electrical characteristics
DS14284 - Rev 3
page 160/241



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com